Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP5LA55SXY Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLP5LA55SXY
Description  Power LDMOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP5LA55SXY Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLP5LA55SXY Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP5LA55SXY Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP5LA55SXY Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP5LA55SXY Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP5LA55SXY Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP5LA55SXY Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP5LA55SXY Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP5LA55SXY Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP5LA55SXY Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
BLP5LA55S
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 16 July 2021
3 of 20
BLP5LA55S
Power LDMOS transistor
6.
Characteristics
7.
Test information
7.1 Ruggedness in class-AB operation
The BLP5LA55S is capable of withstanding a load mismatch corresponding to
VSWR = 65 : 1 through all phases under the following conditions: VDS =13.6V;
IDq =100 mA; PL =55W (CW); f = 520MHz.
Table 6.
DC characteristics
Tj = 25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID =2.25mA
30
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 225 mA
1.5
1.9
2.5
V
IDSS
drain leakage current
VGS =0V; VDS =32 V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS = 10 V
-38
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
-
-
140
nA
gfs
forward transconductance
VDS =10V; ID = 11.25 A
-
15
-
S
RDS(on)
drain-source on-state resistance
VGS =VGS(th) + 3.75 V;
ID =7.88 A
-60
-
m
Table 7.
AC characteristics
Tj =25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ
Max Unit
Ciss
input capacitance
VGS = 0 V; VDS = 13.6 V; f = 1 MHz
-
173.5 -
pF
Coss
output capacitance
VGS = 0 V; VDS = 13.6 V; f = 1 MHz
-
106.1 -
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS =13.6V; f=1MHz
-
1.3
-
pF
Table 8.
RF characteristics
Test signal: CW at VDS =32V; IDq =100 mA; Tcase = 25 C; unless otherwise specified; in a
class-AB production board measured at frequencies of 520 MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 55 W
18.0
19.6
-
dB
RLin
input return loss
PL =55 W
-
15.3
-
dB
D
drain efficiency
PL = 55 W
72.0
75.0
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com