Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4556-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC4556-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4556-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC4556-S08-R Datasheet HTML 1Page - Unisonic Technologies MC4556-S08-R Datasheet HTML 2Page - Unisonic Technologies MC4556-S08-R Datasheet HTML 3Page - Unisonic Technologies MC4556-S08-R Datasheet HTML 4Page - Unisonic Technologies MC4556-S08-R Datasheet HTML 5Page - Unisonic Technologies MC4556-S08-R Datasheet HTML 6Page - Unisonic Technologies MC4556-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTCMC4556
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R105-015,B
DUAL OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC MC4556 integrated circuit is a high-gain,
high output current dual operational amplifier capable
of driving
±70mA into 150Ω loads (±10.5V output
voltage), and operating low supply voltage (V+/V- =
±2V~).
The UTC MC4556 combines many of the features
of the popular UTC MC4558 as well as having the
capability of driving 150
Ω loads. In addition, the wide
band-width, low noise, high slew rate an low distortion
of the UTC MC4556 make it ideal for many audio,
telecommunications and instrumentation applications.
FEATURES
*Operating Voltage
(
±2V~±18V)
*High Output Current
(Io=70mA)
*Slew Rate
(3V /
µs typ.)
*Gain Band Width Product
(8MHz typ.)
*Bipolar Technology
DIP-8
SOP-8
*Pb-free plating product number: MC4556L
ORDERING INFORMATION
Order Number
Normal
Lead free
Package
Packing
MC4556-S08-R MC4556L-S08-R
SOP-8
Tape Reel
MC4556-S08-T
MC4556L-S08-T
SOP-8
Tube
MC4556-D08-T
MC4556L-D08-T
DIP-8
Tube


Similar Part No. - MC4556-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC4556-S08-R UTC-MC4556-S08-R Datasheet
182Kb / 7P
DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MC4556-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com