Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1316 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PC1316
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PC1316 Datasheet(HTML) 2 Page - Unisonic Technologies

  PC1316 Datasheet HTML 1Page - Unisonic Technologies PC1316 Datasheet HTML 2Page - Unisonic Technologies PC1316 Datasheet HTML 3Page - Unisonic Technologies PC1316 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCPC1316
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R107-010,A
ELECTRONIC CHARACTERISTICS
(Ta=25
°C,Vcc=9V,Rf=33Ω,f=1kHz,RL=8Ω,unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Quiescent Current
No Signal
ICCQ
10
mA
Voltage Gain
Po=0.25W, Rf=33
Ω
Gv
44
dB
Po=0.25W, Rf=120
Ω
Gv
34
dB
Vcc=12V, RL=8
Ω, THD=10%
PO
2
W
Vcc=9V, RL=4
Ω, THD=10%
PO
1.6
W
Output Power
Vcc=9V, RL=8
Ω, THD=10%
PO
1.2
W
Vcc=6V, RL=4
Ω, THD=10%
PO
0.7
W
Vcc=6V, RL=8
Ω, THD=10%
PO
0.5
W
Total Harmonic Distortion
Po=0.5W, Rf=33
Ω
THD
0.8
%
Po=0.5W, Rf=120
Ω
THD
0.4
%
Noise Output Voltage
Rg=10k
Ω
VNO
0.6
mV
Ripple Rejection Ratio
Rg=0,frip=100Hz,Vrip=0.3V
RR
50
dB
Channel Separation
Rg=0,Po=0.25W
CS
55
dB
Channel Balance
Po=0.25W
CB
-2
0
2
dB
Input Impedance
RI
5
M
Ω
APPLICATION CIRCUIT
13
12
11
10
9
8
14
1
2
3
4
5
6
7
H/S
AMP 1
AMP 2
C8
47
µF
(Rf)
R3
33
Ω
C9
100
µF
C11(Cb)
22pF
C10
100
µF
C12
0.01
µF
R4
1
Ω
C13 220
µF
C6
100
µF
(Rf)
R1
33
Ω
C1
100
µF
C2(Cb)
22pF
C3
100
µF
C4
0.01
µF
R2
1
Ω
C5 220
µF
C7
0.1
µF
Vcc
Input 2
Input 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com