Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTIP42C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCTIP42C
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTIP42C Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCTIP42C Datasheet HTML 1Page - Unisonic Technologies UTCTIP42C Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCTIP42C
PNPEPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R203-007,A
PNP EPITAXIAL PLANAR
TRANSISTOR
DESCRIPTION
The UTC TIP42C is a PNP epitaxial planar transistor,
designed for using in general purpose amplifier and switching
applications.
FEATURE
*Complement to tip41C
TO-220
1
1:BASE 2:COLLECTOR 3:EMITTER
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
-100
V
Collector to Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current(DC)
Ic
-6
A
Collector Current(Pulse)
Ic
-10
A
Base Current
IB
-2
A
Collector Dissipation(Tc=25
°C)
Pc
65
W
Collector Dissipation(Ta=25
°C)
Pc
2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Tc=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining voltage(*)
BVCEO
IC=-30mA,IB=0
-100
V
Collector cutoff Current
ICEO
VCE=-60V,IB=0
-0.7
mA
Collector Cutoff Current
ICES
VCE=-100V,VEB=0
-400
µA
Emitter Cutoff current
IEBO
VBE=-5V,Ic=0
-1
mA
Collector-Emitter Saturation Voltage(*)
VCE(sat)
IC=-6A,IB=-600mA
-1.5
V
Base-Emitter On Voltage(*)
VBE(on)
IC=-6A,VCE=-4V
-2.0
V
DC Current Gain(*)
hFE
IC=-300mA,VCE=-4V
IC=-3A,VCE=-4V
30
15
75
Current gain Bandwidth Product
fT
VCE=-10V,Ic=-500mA,
f=1MHz
3
MHz
*Pulse Test: PW<=300
µs, Duty Cycle<=2%


Similar Part No. - UTCTIP42C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTA2003 UTC-UTCTA2003 Datasheet
82Kb / 6P
AM/FM RADIO IC
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
0.6W AUDIO POWER AMPLIFIER
More results

Similar Description - UTCTIP42C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com