Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD101CWS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD101CWS
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101CWS Datasheet(HTML) 2 Page - Vishay Siliconix

  SD101CWS Datasheet HTML 1Page - Vishay Siliconix SD101CWS Datasheet HTML 2Page - Vishay Siliconix SD101CWS Datasheet HTML 3Page - Vishay Siliconix SD101CWS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD101AWS, SD101BWS, SD101CWS
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 14-Oct-16
2
Document Number: 85680
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Variation of Forward Current vs. Forward Voltage
Fig. 2 - Typical Forward Conduction Curve
Fig. 3 - Typical Variation of Reverse Current at Various
Temperatures
Fig. 4 - Typical Capacitance Curve as a Function of Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 10 μA
SD101AWS
V(BR)
60
V
SD101BWS
V(BR)
50
V
SD101CWS
V(BR)
40
V
Leakage current
VR = 50 V
SD101AWS
IR
200
nA
VR = 40 V
SD101BWS
IR
200
nA
VR = 30 V
SD101CWS
IR
200
nA
Forward voltage drop
IF = 1 mA
SD101AWS
VF
410
mV
SD101BWS
VF
400
mV
SD101CWS
VF
390
mV
IF = 15 mA
SD101AWS
VF
1000
mV
SD101BWS
VF
950
mV
SD101CWS
VF
900
mV
Junction capacitance
VR = 0 V, f = 1 MHz
SD101AWS
CD
2.0
ns
SD101BWS
CD
2.1
ns
SD101CWS
CD
2.2
ns
Reverse recovery time
IF = IR = 5 mA,
recover to 0.1 IR
trr
1ns
0.01
0.1
1
10
0
0.4
0.6
0.8
1.0
0.2
A
B
C
VF - Forward Voltage (V)
18477
A
B
C
0
0.4
0.6
0.8
1.0
0.2
60
20
80
40
0
100
VF - Forward Voltage (V)
18478
100
10
1
0.1
0.01
10
20
30
40
050
75 °C
50 °C
25 °C
125 °C
100 °C
VR - Reverse Voltage (V)
18479
18480
10
20
30
40
0
0
1.0
1.2
1.4
1.6
1.8
2.0
0.6
0.8
0.2
0.4
50
Tj = 25 °C
C
B
A
VR - Reverse Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com