Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVM13640 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13640
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13640 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLVM13640 Datasheet HTML 9Page - Texas Instruments TLVM13640 Datasheet HTML 10Page - Texas Instruments TLVM13640 Datasheet HTML 11Page - Texas Instruments TLVM13640 Datasheet HTML 12Page - Texas Instruments TLVM13640 Datasheet HTML 13Page - Texas Instruments TLVM13640 Datasheet HTML 14Page - Texas Instruments TLVM13640 Datasheet HTML 15Page - Texas Instruments TLVM13640 Datasheet HTML 16Page - Texas Instruments TLVM13640 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
8 Detailed Description
8.1 Overview
The TLVM13640 is an easy-to-use, synchronous buck DC/DC power module designed for a wide variety of
applications where reliability, small solution size, and low EMI signature are of paramount importance. With
integrated power MOSFETs, a buck inductor, and PWM controller, the TLVM13640 operates over an input
voltage range of 3 V to 36 V with transients as high as 42 V. The module delivers up to 6-A DC load current with
high conversion efficiency and ultra-low input quiescent current in a very small solution footprint. Control loop
compensation is not required, reducing design time and external component count.
With a programmable switching frequency from 200 kHz to 2.2 MHz using its RT pin, the TLVM13640
incorporates specific features to improve EMI performance in noise-sensitive applications:
• An optimized package and pinout design enables a shielded switch-node layout that mitigates radiated EMI.
• Parallel input and output paths with symmetrical capacitor layouts minimize parasitic inductance, switch-
voltage ringing, and radiated field coupling
• Resistor-programmable switch-node slew rate
• Clock synchronization and FPWM mode enable constant switching frequency across the load current range.
• Integrated power MOSFETs with enhanced gate drive control enable low-noise PWM switching.
Together, these features significantly reduce EMI filtering requirements, while helping to meet CISPR 11 and
CISPR 32 Class B EMI limits for conducted and radiated emissions.
The TLVM13640 module also includes inherent protection features for robust system requirements:
• An open-drain PGOOD indicator for power-rail sequencing and fault reporting
• Precision enable input with hysteresis, providing:
– Programmable line undervoltage lockout (UVLO)
– Remote ON/OFF capability
• Internally fixed output-voltage soft start with monotonic start-up into prebiased loads
• Hiccup-mode overcurrent protection with cycle-by-cycle peak and valley current limits
• Thermal shutdown with automatic recovery.
Leveraging a pin arrangement designed for simple layout that requires only a few external components, the
TLVM13640 is specified to maximum ambient and junction temperatures of 105°C and 125°C, respectively.
8.2 Functional Block Diagram
COUT
CIN
PG
PGND
VCC
VOUT1, VOUT2
AGND
FB
EN
PGOOD
logic
+
VREF
Comp
Power
stage
and
control
logic
Shutdown
logic
OCP
UVLO
Oscillator
Soft start
LDO bias
subregulator
Enable
logic
2.2 µH
SW
VIN1, VIN2
RT
VLDOIN
OTP
EN
OTP
OCP
UVLO
IOUT(max) = 4 A
VIN = 3 V to 36 V
Optional
external bias
(from VOUT)
VOUT = 1 V to 6 V
PGOOD
indicator
RENT
RENB
Precision
enable for
VIN UVLO
RRT
RFBB
RFBT
To VOUT
sense point
VIN
CBOOT
RBOOT
100 Ω
www.ti.com
TLVM13640
SLVSGJ7 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com