Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL04 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SL04
Description  Schottky Rectifier Surface-Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL04 Datasheet(HTML) 2 Page - Vishay Siliconix

  SL04_V01 Datasheet HTML 1Page - Vishay Siliconix SL04_V01 Datasheet HTML 2Page - Vishay Siliconix SL04_V01 Datasheet HTML 3Page - Vishay Siliconix SL04_V01 Datasheet HTML 4Page - Vishay Siliconix SL04_V01 Datasheet HTML 5Page - Vishay Siliconix SL04_V01 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SL04
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 26-Feb-2021
2
Document Number: 85942
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Pulse test: 300 μs pulse width, 1 % duty cycle
RATINGS AND CHARACTERISTICS CURVES (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Forward Characteristics
Fig. 2 - Typical Diode Capacitance vs. Reverse Voltage
Fig. 3 - Typical Reverse Characteristics
Fig. 4 - Forward Current Derating Curve
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 0.5 A
TJ = 25 °C
VF (1)
0.41
0.47
V
IF = 1.1 A
0.48
0.54
IF = 0.5 A
TJ = 100 °C
0.34
-
IF = 1.1 A
0.43
-
IF = 0.5 A
TJ = 125 °C
0.31
-
IF = 1.1 A
0.42
-
Reverse current
VR = 40 V
TJ = 25 °C
IR
10
20
μA
TJ = 100 °C
1.2
2.6
mA
TJ = 125 °C
4.5
13
mA
Typical junction capacitance
VR = 4.0 V, 1 MHz
CD
65
-
pF
0.001
0.01
0.1
1
10
0.00
0.20
0.40
0.60
0.80
1.00
1.20
V
F [V]
typical at 25 °C
typical at 100 °C
typical at 125 °C
typical at 150 °C
0
20
40
60
80
100
120
140
160
180
200
0.1
1
10
100
V
R [V]
f = 1 MHz
100.0E-9
1.0E-6
10.0E-6
100.0E-6
1.0E-3
10.0E-3
100.0E-3
1.0E+0
010
20
30
40
VR [V]
T
J at 25 °C
T
J at 75 °C
T
J at 100 °C
T
J at 125 °C
T
J at 150 °C
T
J at 175 °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
Lead Temperature (°C)
R
thJL = 22K/W
R
thJA = 180K/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com