Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2306-3.3V Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UT2306-3.3V
Description  LINEAR INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306-3.3V Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UT2306-3.3V Datasheet HTML 7Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 8Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 9Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 10Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 11Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 12Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 13Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 14Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
UTCUT2306/UT2306-3.3V/UT2306-5.0V
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
11
QW-R103-029,A
+
VIN
SW
LBI
SENSE
ILIM
IBO
SHDN
GND
C1
100μF
VOUT
5V
200mA
B1
2 CELLS
L1
22μH
UT2306-5.0
C2
100μF
+
D1
Figure9.2-cell to 5V Converter Used in Battery Life Study
1000
LOAD CURRENT(mA)
10
100
100
10
1
1
200
Figure 10. Battery Life vs Current.Dots Specify
Actual Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com