Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC12C5402 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # STC12C5402
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C5402 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button STC12C5402 Datasheet HTML 25Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 26Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 27Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 28Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 29Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 30Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 31Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 32Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
29
3. 仅为输入 ( 高阻 ) 配置
输入口配置如下图所示。
输入口带有一个施密特触发输入以及一个干扰抑制电路。
干扰滤波
输入数据
端口
引脚
口锁存数据
端口
引脚
干扰滤波
输入数据
4. 开漏输出配置
当口线锁存器为 0 时,开漏输出关闭所有上拉晶体管。当作为一个逻辑输出时,这种配置方式必须有
外部上拉,一般通过电阻外接到 VDD 。这种方式的下拉与准双向口相同。输出口线配置如下图所示。
开漏端口带有一个施密特触发输入以及一个干扰抑制电路。
灌电流也可承受 20mA,输出低时
仅为输入(高阻)时,不提供吸入 20mA 电流的能力
                  一种典型三极管控制电路
R1
10K (3.3K ~10K )
R2
15K (3.3K ~15K )
普通 I/O 口
R3
如果用弱上拉控制,建议加上拉电阻 R1 (3.3K ~10K ),如果不加上拉电阻 R1 (3.3K ~10K ),建议
R2 的值在 15K 以上,或用强推挽输出



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com