Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC62WV25616AI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STC62WV25616AI
Description  Very Low Power/Voltage CMOS SRAM 256K X 16 bit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC62WV25616AI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STC62WV25616AI Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV25616AI Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV25616AI Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV25616AI Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV25616AI Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV25616AI Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV25616AI Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV25616AI Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV25616AI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Revision 2.1
Jan.
2004
4
STC
STC62WV25616
SYMBOL
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
VDR
Vcc for Data Retention
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.3
1.3
uA
tCDR
Chip Deselect to Data
Retention Time
0--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC (2)
--
--
ns
DATA RETENTION CHARACTERISTICS ( TA = -40 to + 85oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
3. IccDR_MAX. is 0.8uA at TA=70OC.
R0201-
STC62WV25616
LOW V
CC DATA RETENTION WAVEFORM ( CE Controlled )
CE
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
≥
CE
Vcc - 0.2V
≥
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com