Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26F32M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F32M
Description  Quad Differential Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS26F32M Datasheet HTML 1Page - National Semiconductor (TI) DS26F32M Datasheet HTML 2Page - National Semiconductor (TI) DS26F32M Datasheet HTML 3Page - National Semiconductor (TI) DS26F32M Datasheet HTML 4Page - National Semiconductor (TI) DS26F32M Datasheet HTML 5Page - National Semiconductor (TI) DS26F32M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature Range
Ceramic DIP
b
65 Cto a 175 C
Operating Temperature Range
DS26F32M
b
55 Cto a125 C
DS26F32C
0 Cto a70 C
Lead Temperature
Ceramic DIP (soldering 60 sec)
300 C
Maximum Power Dissipation at 25 C
Cavity Package
1500 mW
Supply Voltage
70V
Derate cavity package 10 mW C above 25 C
Common Mode Voltage Range
g
25V
Differential Input Voltage
g
25V
Enable Voltage
70V
Output Sink Current
50 mA
Operating Range
DS26F32C
Temperature
0 Cto a70 C
Supply Voltage
475V to 525V
DS26F32M
Temperature
b
55 Cto a125 C
Supply Voltage
45V to 55V
Electrical Characteristics Over operating range unless otherwise specified (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
Differential Input Voltage
b
70V s VCM s a70V
b
02
g
006
a
02
V
VO e VOL or VOH
RI
Input Resistance
b
15V s VCM s a15V
14
18
kX
One Input AC Ground
II
Input Current (under Test)
VI ea15V
23
Other Input b15V s VI s a15V
mA
VI eb15V
b
28
Other Input b15V s VI s a15V
VOH
Output Voltage HIGH
VCC e Min
0 Cto a70 C
28
34
D
VI ea10V
V
VENABLE e 08V
b
55 Cto a125 C
25
34
IOH eb440 mA
VOL
Output Voltage LOW
VCC e Min
IOL e 40 mA
04
D
VI eb10V
045
V
IOL e 80 mA
VENABLE e 08V
VIL
Enable Voltage LOW
08
V
VIH
Enable Voltage HIGH
20
V
VIC
Enable Clamp Voltage
VCC e Min II eb18 mA
b
15
V
IOZ
Off State (High Impedance)
VCC e Max
VO e 24V
20
m
A
Output Current
VO e 04V
b
20
IIL
Enable Current LOW
VI e 04V
b
02
b
036
mA
IIH
Enable Current HIGH
VI e 27V
05
10
m
A
II
Enable Input High Current
VI e 55V
10
50
m
A
IOS
Output Short Circuit Current
VO e 0V VCC e Max (Note 4)
b
15
b
50
b
85
mA
D
VI ea10V
ICC
Supply Current
VCC e Max All VI e GND
30
50
mA
Outputs Disabled
VHYST
Input Hysteresis
TA e 25 C VCC e 50V VCM e 0V
30
mV
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Electrical Characteristics’’ provide conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS26F32M and across the 0 Cto a70 C range
for the DS26F32C All typicals are given for VCC e 5V and TA e 25 C
Note 3
All currents into the device pins are positive all currents out of the device pins are negative All voltages are reference to ground unless otherwise
specified
Note 4
Only one output at a time should be shorted
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com