Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAS16D
Description  Small Signal Fast Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS16D Datasheet(HTML) 3 Page - Vishay Siliconix

  BAS16D Datasheet HTML 1Page - Vishay Siliconix BAS16D Datasheet HTML 2Page - Vishay Siliconix BAS16D Datasheet HTML 3Page - Vishay Siliconix BAS16D Datasheet HTML 4Page - Vishay Siliconix BAS16D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS16D
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 23-Feb-18
3
Document Number: 85723
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Leakage Current vs. Junction Temperature
Fig. 6 - Admissible Repetitive Peak Forward Current vs. Pulse Duration
17441
Tj (°C)
10
102
103
104
100
200
2
5
2
5
2
5
2
5
V
R = 20 V
1
0
18106
I
T
t
I
FRM
I
FRM
t
p
t
p
V = t
p/T
T = 1/f
p
A
V = 0
0.1
0.2
0.5
100
10
1
0.1
5
4
3
2
5
4
3
2
5
4
3
2
10
-5
10
-4
10
-3
10
-2
10
-1
1
10 s
25
25
25
25
25
25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com