Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BAS40L
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS40L Datasheet(HTML) 4 Page - Vishay Siliconix

  BAS40L Datasheet HTML 1Page - Vishay Siliconix BAS40L Datasheet HTML 2Page - Vishay Siliconix BAS40L Datasheet HTML 3Page - Vishay Siliconix BAS40L Datasheet HTML 4Page - Vishay Siliconix BAS40L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAS40L
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 03-Dec-2021
4
Document Number: 86189
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CARRIER TAPE DFN1006-2A
ORIENTATION IN CARRIER TAPE DFN1006-2A
A
A-A
Section
A
4 ±0.1
2 ±0.05
0.55
+ 0.05
- 0.03
0.18 ±0.02
B
B
B-B
Section
Ø 0.4 ±0.1
0.66
+ 0.06
- 0.02
surface resistance: 10
5 - 1011 OHMS
SQ
Ø 1.5
+0.1
0.0
max. 5°
Cummulative tolerances of 10 sprocket holes is ± 0.2 mm
2±0.05
S8-V-3906.04-063 (4)
created 28.10.2019
Unreeling direction
Top view
Cathode marking
S8-V-3906.04-064 (4)
created 28.10.2019



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com