Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS101B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LS101B
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS101B Datasheet(HTML) 2 Page - Vishay Siliconix

  LS101B Datasheet HTML 1Page - Vishay Siliconix LS101B Datasheet HTML 2Page - Vishay Siliconix LS101B Datasheet HTML 3Page - Vishay Siliconix LS101B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LS101A, LS101B, LS101C
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 16-Nov-2021
2
Document Number: 85628
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Reverse Current vs. Reverse Voltage
Fig. 2 - Diode Capacitance vs. Reverse Voltage
Fig. 3 - Forward Current vs. Forward Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 10 μA
LS101A
V(BR)
60
V
LS101B
V(BR)
50
V
LS101C
V(BR)
40
V
Leakage current
VR = 50 V
LS101A
IR
200
nA
VR = 40 V
LS101B
IR
200
nA
VR = 30 V
LS101C
IR
200
nA
Forward voltage drop
IF = 1 mA
LS101A
VF
410
mV
LS101B
VF
400
mV
LS101C
VF
390
mV
IF = 15 mA
LS101A
VF
1000
mV
LS101B
VF
950
mV
LS101C
VF
900
mV
Diode capacitance
VR = 0 V, f = 1 MHz
LS101A
CD
2pF
LS101B
CD
2.1
pF
LS101C
CD
2.2
pF
0.01
0.1
1
10
100
0
10
1520
2530
3540
4550
V
R - Reverse Voltage (V)
16204
T
j = 125 °C
T
j = 100 °C
T
j = 75 °C
T
j = 50 °C
T
j = 25 °C
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1015
2025
3035
4045
50
V
R - Reverse Voltage (V)
16205
T
j = 25 °C
5
0.01
0.10
1.00
10.00
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
V
F - Forward Voltage (V)
16206



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com