Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4M51163PC-RF90 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K4M51163PC-RF90
Description  8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M51163PC-RF90 Datasheet(HTML) 1 Page - Samsung semiconductor

  K4M51163PC-RF90 Datasheet HTML 1Page - Samsung semiconductor K4M51163PC-RF90 Datasheet HTML 2Page - Samsung semiconductor K4M51163PC-RF90 Datasheet HTML 3Page - Samsung semiconductor K4M51163PC-RF90 Datasheet HTML 4Page - Samsung semiconductor K4M51163PC-RF90 Datasheet HTML 5Page - Samsung semiconductor K4M51163PC-RF90 Datasheet HTML 6Page - Samsung semiconductor K4M51163PC-RF90 Datasheet HTML 7Page - Samsung semiconductor K4M51163PC-RF90 Datasheet HTML 8Page - Samsung semiconductor K4M51163PC-RF90 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
K4M51163PC - R(B)E/G/C/F
February 2006
Mobile SDRAM
FEATURES
GENERAL DESCRIPTION
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
Address configuration
Organization
Bank
Row
Column Address
32M x 16
BA0, BA1
A0 - A12
A0 - A9
INFORMATION IN THIS DOCUMENT IS PROVIDED IN RELATION TO SAMSUNG PRODUCTS, AND IS SUBJECT TO CHANGE WITHOUT NOTICE.
NOTHING IN THIS DOCUMENT SHALL BE CONSTRUED AS GRANTING ANY LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE,
TO ANY INTELLECTUAL PROPERTY RIGHTS IN SAMSUNG PRODUCTS OR TECHNOLOGY. ALL INFORMATION IN THIS DOCUMENT IS PRO-
VIDED ON AS "AS IS" BASIS WITHOUT GUARANTEE OR WARRANTY OF ANY KIND.
1. For updates or additional information about Samsung products, contact your nearest Samsung office.
2. Samsung products are not intended for use in life support, critical care, medical, safety equipment, or similar applications where Product failure could
result in loss of life or personal or physical harm, or any military or defense application, or any governmental procurement to which special terms or pro-
visions may apply.
• 1.8V power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
-. CAS latency (1, 2 & 3).
-. Burst length (1, 2, 4, 8 & Full page).
-. Burst type (Sequential & Interleave).
• EMRS cycle with address key programs.
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation.
• Special Function Support.
-. PASR (Partial Array Self Refresh).
-. Internal TCSR (Temperature Compensated Self Refresh)
-. DS (Driver Strength)
-. DPD (Deep Power Down Mode)
• DQM for masking.
• Auto refresh.
• 64ms refresh period (8K cycle).
• Commercial Temperature Operation (-25
°C ~ 70°C).
• Extended Temperature Operation (-25
°C ~ 85°C).
• 54Balls FBGA (-RXXX : Pb, -BXXX : Pb Free).
The K4M51163PC is 536,870,912 bits synchronous high data
rate Dynamic RAM organized as 4 x 8,388,608 words by 16 bits,
fabricated with SAMSUNG’s high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock and I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst lengths and programmable latencies allow the same
device to be useful for a variety of high bandwidth and high per-
formance memory system applications.
ORDERING INFORMATION
- R(B)E/G : Normal/Low Power, Extended Temperature(-25
°C ~ 85°C)
- R(B)C/F : Normal/Low Power, Commercial Temperature(-25
°C ~ 70°C)
Notes :
1. In case of 40MHz Frequency, CL1 can be supported.
Part No.
Max Freq.
Interface
Package
K4M51163PC-R(B)E/G/C/F75
133MHz(CL=3), 83MHz(CL=2)
LVCMOS
54 FBGA Pb
(Pb Free)
K4M51163PC-R(B)E/G/C/F90
111MHz(CL=3), 83MHz(CL=2)
K4M51163PC-R(B)E/G/C/F1L
111MHz(CL=3)*1, 66MHz(CL=2)


Similar Part No. - K4M51163PC-RF90

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M511633C-RBF1H SAMSUNG-K4M511633C-RBF1H Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBF1L SAMSUNG-K4M511633C-RBF1L Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBF75 SAMSUNG-K4M511633C-RBF75 Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBG SAMSUNG-K4M511633C-RBG Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBL SAMSUNG-K4M511633C-RBL Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results

Similar Description - K4M51163PC-RF90

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633E SAMSUNG-K4M511633E Datasheet
112Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163LF SAMSUNG-K4M28163LF Datasheet
115Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S511533F SAMSUNG-K4S511533F Datasheet
108Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153PF SAMSUNG-K4S51153PF Datasheet
108Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LE SAMSUNG-K4M51163LE Datasheet
112Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LC SAMSUNG-K4M51163LC Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RN SAMSUNG-K4M511633C-RN Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com