Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4150 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LS4150
Description  Small Signal Fast Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS4150 Datasheet(HTML) 2 Page - Vishay Siliconix

  LS4150 Datasheet HTML 1Page - Vishay Siliconix LS4150 Datasheet HTML 2Page - Vishay Siliconix LS4150 Datasheet HTML 3Page - Vishay Siliconix LS4150 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LS4150
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 26-Nov-2021
2
Document Number: 85562
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Reverse Current vs. Junction Temperature
Fig. 2 - Forward Current vs. Forward Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1 mA
VF
0.540
0.620
V
IF = 10 mA
VF
0.660
0.740
V
IF = 50 mA
VF
0.760
0.860
V
IF = 100 mA
VF
0.820
0.920
V
IF = 200 mA
VF
0.870
1
V
Reverse current
VR = 50 V
IR
100
nA
VR = 50 V, Tj = 150 °C
IR
100
μA
Diode capacitance
VR = 0, f = 1 MHz, VHF = 50 mV
CD
2.5
pF
Reverse recovery time
IF = IR = 10 mA to 100 mA,
iR = 0.1 x IR, RL = 100
Ω
trr
4ns
0
40
80
120
160
200
0.01
0.1
1
10
100
TJ - Junction Temperature (°C)
94 9100
Scattering Limit
V
R = 50 V
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9162
Scattering Limit
T
J = 25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com