Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR745 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR745
Description  Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR745 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR745 Datasheet HTML 1Page - Vishay Siliconix MBR745 Datasheet HTML 2Page - Vishay Siliconix MBR745 Datasheet HTML 3Page - Vishay Siliconix MBR745 Datasheet HTML 4Page - Vishay Siliconix MBR745 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR745, MBR760, MBRF745
www.vishay.com
Vishay General Semiconductor
Revision: 27-Nov-17
2
Document Number: 88680
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
 40 ms
Note
(1) 60 V device available in TO-220AC package only
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MBR745
MBR760
UNIT
Maximum instantaneous forward voltage
VF (1)
IF = 7.5 A
TC = 25 °C
-
0.75
V
IF = 7.5 A
TC = 125 °C
0.57
0.65
IF = 15 A
TC = 25 °C
0.84
-
IF = 15 A
TC = 125 °C
0.72
-
Maximum reverse current at
DC blocking voltage
IR (2)
Rated VR
TC = 25 °C
0.1
0.5
mA
TC = 125 °C
15
50
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
UNIT
Typical thermal resistance from junction to case
RJC
3.0
5.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
MBR745-E3/45 (1)
1.80
45
50/tube
Tube
ITO-220AC
MBRF745-E3/45
1.94
45
50/tube
Tube



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com