Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

525968 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 525968
Description  Vacuum suction cup
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

525968 Datasheet(HTML) 1 Page - Festo Corporation.

  525968 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum suction cup
ESS-30-GT-M6
Part number: 525968
Data sheet
Feature
Value
Suction cup holder height compensator
3.5 mm
Min. workpiece radius
26 mm
Nominal width
2.5 mm
Suction cup diameter
30 mm
Suction cup volume
2.4 cm³
Mounting position
Any
Symbol
00991485
Classification of suction cup holder
Size 4
Suction cup shape
Round, deep
Operating pressure
-0.95 bar ... 0 bar
Nominal operating pressure
-0.7 bar
Operating medium
Atmospheric air based on ISO 8573-1:2010 [7:-:-]
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-10 °C ... 80 °C
Holding force at nominal operating pressure
36 N
Lateral force at nominal operating pressure
13 N
Product weight
12 g
Type of mounting
Via vacuum connection
Vacuum connection
M6
Color
Reddish brown
Shore hardness
72 +/- 5
Material of screwed trunnion
Wrought aluminum alloy
Note on materials
Free of copper and PTFE
RoHS-compliant
Suction cup material
Vulkollan®
6/16/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 525968

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
52596-1 TEC-52596-1 Datasheet
328Kb / 5P
AMPOWER Crimping Die Assemblies
52596-1 TEC-52596-1 Datasheet
531Kb / 2P
AMPOWER QUICK DISCONNECT
logo
Festo Corporation.
525969 FESTO-525969 Datasheet
78Kb / 1P
Vacuum suction cup
6/16/22
logo
Molex Electronics Ltd.
52596EV40M6 MOLEX11-52596EV40M6 Datasheet
46Kb / 2P
2.54mm Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, Blue
More results

Similar Description - 525968

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1376604 FESTO-1376604 Datasheet
80Kb / 1P
Vacuum suction cup
6/7/22
1377752 FESTO-1377752 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
1396067 FESTO-1396067 Datasheet
91Kb / 1P
Vacuum suction cup
6/7/22
34586 FESTO-34586 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
34587 FESTO-34587 Datasheet
85Kb / 1P
Vacuum suction cup
6/7/22
189284 FESTO-189284 Datasheet
96Kb / 1P
Vacuum suction cup
6/10/22
189291 FESTO-189291 Datasheet
85Kb / 1P
Vacuum suction cup
6/10/22
189292 FESTO-189292 Datasheet
97Kb / 1P
Vacuum suction cup
6/10/22
189325 FESTO-189325 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
189327 FESTO-189327 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com