Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK800 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STK800
Description  N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK800 Datasheet(HTML) 3 Page - STMicroelectronics

  STK800 Datasheet HTML 1Page - STMicroelectronics STK800 Datasheet HTML 2Page - STMicroelectronics STK800 Datasheet HTML 3Page - STMicroelectronics STK800 Datasheet HTML 4Page - STMicroelectronics STK800 Datasheet HTML 5Page - STMicroelectronics STK800 Datasheet HTML 6Page - STMicroelectronics STK800 Datasheet HTML 7Page - STMicroelectronics STK800 Datasheet HTML 8Page - STMicroelectronics STK800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STK800
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
(1)
1.
Continuous mode
Gate-source voltage
± 16
V
VGS
(2)
2.
Guaranteed for test time <15ms
Gate-source voltage
± 18
V
ID
(4)
Drain current (continuous) at TC = 25°C
20
A
ID
Drain current (continuous) at TC = 100°C
12.5
A
IDM
(3)
3.
Pulse width limited by package
Drain current (pulsed)
80
A
PTOT
(4)
4.
When mounted on FR-4 board of 1inch2 , 2 oz Cu and
≤ 10sec
Total dissipation at TC = 25°C
5.2
W
Derating factor
0.0416
W/°C
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Typ.
Max.
Unit
Rthj-amb(1)
1.
When mounted on FR-4 board of 1inch2 , 2 oz Cu and
≤ 10sec
Thermal resistance junction-amb
20
24
°C/W
Rthj-c(2)
2.
Steady State
Thermal resistance junction-case (top drain)
1
1.2
°C/W
Rthj-c(3)
3.
Measured at Source pin when the device is mounted on FR-4 board in steady state
Thermal resistance junction-case (source)
2.8
3.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com