Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2Z331 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA2Z331
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2Z331 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2Z331 Datasheet HTML 1Page - Panasonic Semiconductor MA2Z331 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Variable Capacitance Diodes
MA2Z331
Silicon epitaxial planar type
I Features
• Small series resistance r
D. rD = 0.18 Ω (typ.)
• Good linearity of C − V curve
• Small type package, optimum for down-sizing of equipment
I Absolute Maximum Ratings T
a = 25
°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
12
V
Forward current (DC)
IF
20
mA
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 12 V
10
nA
Diode capacitance
CD(1V)
VR = 1 V, f = 1 MHz
17.0
20.0
pF
CD(2V)
VR = 2 V, f = 1 MHz
14.0
15.0
16.0
pF
CD(4V)
VR = 4 V, f = 1 MHz
10.0
12.4
pF
CD(10V)
VR = 10 V, f = 1 MHz
5.5
6.0
6.5
pF
Capacitance ratio
CD(1V)/CD(4V)
1.53
1.6
1.83
CD(2V)/CD(10V)
2.25
2.5
2.75
Series resistance*
rD
CD = 9 pF, f = 470 MHz
0.18
0.22
Ω
I Electrical Characteristics T
a = 25
°C
Note) 1
.Rated input/output frequency: 470 MHz
 
2
.*: rf measuring instrument: YHP MODEL 4191A RF IMPEDANCE ANALYZER
Marking Symbol: 6T
1 : Anode
2 : Cathode
S-Mini Type Package (2-pin)
2.5
± 0.2
1.7
± 0.1
0.4
± 0.15
12
0.4
± 0.15
INDICATES
CATHODE


Similar Part No. - MA2Z331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Z304 PANASONIC-MA2Z304 Datasheet
42Kb / 3P
Silicon epitaxial planar type
MA2Z357 PANASONIC-MA2Z357 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z360 PANASONIC-MA2Z360 Datasheet
44Kb / 3P
Silicon epitaxial planar type
MA2Z362 PANASONIC-MA2Z362 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
More results

Similar Description - MA2Z331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com