Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT42WS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT42WS
Description  Small Signal Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT42WS Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT42WS Datasheet HTML 1Page - Vishay Siliconix BAT42WS Datasheet HTML 2Page - Vishay Siliconix BAT42WS Datasheet HTML 3Page - Vishay Siliconix BAT42WS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT42WS, BAT43WS
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 01-Jun-17
2
Document Number: 81813
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Pulse test; tp
≤ 300 μs, tp/T < 0.02
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 2 - Typical Forward Characteristics
Fig. 3 - Typical Reverse Characteristics
Fig. 4 - Typical Capacitance vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 100 μA (pulsed)
V(BR)
30
V
Leakage current (1)
VR = 25 V
IR
0.5
μA
VR = 25 V, Tj = 100 °C
IR
100
μA
Forward voltage (1)
IF = 200 mA
VF
1000
mV
IF = 10 mA
BAT42WS
VF
400
mV
IF = 50 mA
BAT42WS
VF
650
mV
IF = 2 mA
BAT43WS
VF
260
330
mV
IF = 15 mA
BAT43WS
VF
450
mV
Diode capacitance
VR = 1 V, f = 1 MHz
CD
7pF
Reverse recovery time
IF = 10 mA, IR = 100 mA,
iR = 1 mA, RL = 100
Ω
trr
5ns
20981
T
amb - Ambient Temperature (°C)
250
200
150
100
50
50
100
150
0
0
18443
1200
1000
800
600
400
200
0
1000
100
10
1
0.1
0.01
VF - Instantaneous Forward Voltage (mV)
25 °C
125 °C
- 40 °C
1000
100
10
1
0.1
0.01
18444
0
1020
3040
50
VR - Reverse Voltage (V)
125 °C
100 °C
75 °C
50 °C
25 °C
18445
14
12
10
8
6
4
2
0
010
20
30
VR - Reverse Voltage (V)
515
25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com