Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54WS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT54WS
Description  Small Signal Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54WS Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT54WS Datasheet HTML 1Page - Vishay Siliconix BAT54WS Datasheet HTML 2Page - Vishay Siliconix BAT54WS Datasheet HTML 3Page - Vishay Siliconix BAT54WS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT54WS
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 01-Jun-17
2
Document Number: 85667
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Forward Current vs. Forward Voltage
vs. Various Temperatures
Fig. 2 - Typical Capacitance vs. Reverse Applied Voltage
Fig. 3 - Typical Reverse Current vs. Reverse Voltage
vs. Various Temperatures
18867
1000
100
10
1
0.1
0.01
00.4
0.6
1.2
1.4
0.8
1
0.2
VF - Forward Voltage (V)
= 125 °C
Tj
25 °C
- 40 °C
18868
10
14
12
2
4
0
0
4
12
16
20
24
28
VR - Reverse Voltage (V)
6
8
8
100
1000
10
1
0.1
0.01
510
15
20
025
30
VR - Reverse Voltage (V)
18869
= 125 °C
Tj
100 °C
75 °C
50 °C
25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com