Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAV19W
Description  Small Signal Switching Diodes, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV19W Datasheet(HTML) 3 Page - Vishay Siliconix

  BAV19W Datasheet HTML 1Page - Vishay Siliconix BAV19W Datasheet HTML 2Page - Vishay Siliconix BAV19W Datasheet HTML 3Page - Vishay Siliconix BAV19W Datasheet HTML 4Page - Vishay Siliconix BAV19W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAV19W, BAV20W, BAV21W
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Feb-18
3
Document Number: 85725
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 4 - Dynamic Forward Resistance vs. Forward Current
Fig. 5 - Leakage Current vs. Junction Temperature
Fig. 6 - Capacitance vs. Reverse Voltage
Fig. 7 - Non-Repetitive Peak Forward Current vs. Pulse Duration
Maximum Admissible Values of Square Pulse
200
18860
Tamb - Ambient Temperature (°C)
500
400
300
200
100
40
80
120
160
0
0
10
100
1
1
100
10
18861
IF - Forward Current (mA)
0.1
18862
1
10
100
1000
0
40
80
120
160
200
Tj - Junction Temperature (°C)
Reverse Voltage
BAV19W VR = 100 V
BAV20W VR = 150 V
BAV21W VR = 200 V
18863
110
0.1
0.8
0.6
0.4
1.4
1.2
1.0
0.2
0
100
VR - Reverse Voltage (V)
2.0
1.8
1.6
=25
°C
Tj
1
10
100
0.1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
 
   
tp - Test Pulse (s)
T
J = 25 °C - Prior to Surge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com