Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW76 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAW76
Description  Small Signal Fast Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAW76 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAW76 Datasheet HTML 1Page - Vishay Siliconix BAW76 Datasheet HTML 2Page - Vishay Siliconix BAW76 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAW76
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 25-Feb-2020
1
Document Number: 85551
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Fast Switching Diode
ADDITIONAL RESOURCES
MECHANICAL DATA
Case: DO-35 (DO-204AH)
Weight: approx. 125 mg
Cathode band color: black
Packaging codes / options:
TR/10K per 13" reel (52 mm tape), 50K/box
TAP/10K per ammopack (52 mm tape), 50K/box
FEATURES
• Silicon epitaxial planar diode
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Extreme fast switches
333
DDD3 D
3D Models
PARTS TABLE
PART
ORDERING CODE
TYPE MARKING
CIRCUIT CONFIGURATION
REMARKS
BAW76
BAW76-TR or BAW76-TAP
BAW76
Single
Tape and reel / ammopack
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
75
V
Reverse voltage
VR
50
V
Peak forward surge current
tp = 1 μs
IFSM
2A
Repetitive peak forward current
IFRM
450
mA
Forward continuous current
IF
300
mA
Average forward current
VR = 0
IF(AV)
150
mA
Power dissipation
l = 4 mm, TL = 45 °C
Ptot
440
mW
l = 4 mm, TL
≤ 25 °C
Ptot
500
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
l = 4 mm, TL = constant
RthJA
350
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
-65 to +175
°C


Similar Part No. - BAW76

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAW76 VISHAY-BAW76 Datasheet
34Kb / 3P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Fairchild Semiconductor
BAW76 FAIRCHILD-BAW76 Datasheet
33Kb / 1P
High Speed Computer Diodes
logo
General Semiconductor
BAW76 GE-BAW76 Datasheet
173Kb / 4P
Small-Signal Diodes
logo
Fairchild Semiconductor
BAW76 FAIRCHILD-BAW76 Datasheet
29Kb / 2P
BAW76
logo
GOOD-ARK Electronics
BAW76 GOOD-ARK-BAW76 Datasheet
167Kb / 4P
Small-Signal Diode
More results

Similar Description - BAW76

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
Small Signal Fast Switching Diode
06-Apr-05
1N4448WS-V VISHAY-1N4448WS-V Datasheet
86Kb / 6P
Small Signal Fast Switching Diode
04-Sep-06
logo
SynSemi, Inc.
1N4148WS SYNSEMI-1N4148WS Datasheet
86Kb / 3P
SMALL SIGNAL FAST SWITCHING DIODE
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
Small Signal Fast Switching Diode
logo
Vishay Siliconix
LL4150 VISHAY-LL4150_12 Datasheet
58Kb / 4P
Small Signal Fast Switching Diode
01-Sep-10
LL4151 VISHAY-LL4151_12 Datasheet
59Kb / 4P
Small Signal Fast Switching Diode
01-Sep-10
LS4150 VISHAY-LS4150_12 Datasheet
95Kb / 4P
Small Signal Fast Switching Diode
14-Feb-12
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
Small Signal Fast Switching Diode
09-Mar-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com