Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG20D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BYG20D
Description  Ultrafast Avalanche SMD Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG20D Datasheet(HTML) 4 Page - Vishay Siliconix

  BYG20D Datasheet HTML 1Page - Vishay Siliconix BYG20D Datasheet HTML 2Page - Vishay Siliconix BYG20D Datasheet HTML 3Page - Vishay Siliconix BYG20D Datasheet HTML 4Page - Vishay Siliconix BYG20D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BYG20D, BYG20G, BYG20J
www.vishay.com
Vishay General Semiconductor
Revision: 21-Feb-2020
4
Document Number: 88958
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Reverse Recovery Charge vs. Forward Current
Fig. 8 - Thermal Response
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0
50
100
150
200
0
0.2
0.4
0.6
0.8
1.0
Forward Current (A)
I
R = 0.5 A, iR = 0.125 A
T
A = 125 °C
T
A = 100 °C
T
A = 75 °C
T
A = 25 °C
T
A = 50 °C
1
10
100
1000
Pulse Length (s)
10-5
10-4
10-3
10-2
10-1
100
101
102
Single Pulse
125 K/W DC
t
p/T = 0.5
t
p/T = 0.2
t
p/T = 0.1
t
p/T = 0.02
t
p/T = 0.05
t
p/T = 0.01
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
SMA (DO-214AC)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208 (5.28)
REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.
0.030 (0.76)
0.060 (1.52)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com