Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS-50-SS Datasheet(PDF) 1 Page - Festo Corporation.

Part # ESS-50-SS
Description  Vacuum suction cup
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

ESS-50-SS Datasheet(HTML) 1 Page - Festo Corporation.

  ESS-50-SS Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum suction cup
ESS-50-SS
Part number: 189311
Data sheet
Feature
Value
Min. workpiece radius
330 mm
Nominal width
3 mm
Suction cup diameter
50 mm
Suction cup volume
2.387 cm³
Connection position
Top
Mounting position
Any
Symbol
00991485
Classification of suction cup holder
Size 4
Suction cup shape
Round, flat
Operating pressure
0 bar ... 0.95 bar
Nominal operating pressure
-0.7 bar
Operating medium
Atmospheric air based on ISO 8573-1:2010 [7:-:-]
Corrosion resistance class (CRC)
1 - Low corrosion stress
For use in the food industry
See supplementary material information
Ambient temperature
-30 °C ... 180 °C
Holding force at nominal operating pressure
105.8 N
Lateral force at nominal operating pressure
84 N
Product weight
22 g
Type of mounting
Via vacuum connection
Vacuum connection
M6
Color
Transparent
Shore hardness
50 +/- 5
Material of screwed trunnion
Wrought aluminum alloy, nickel-plated
Brass, nickel-plated
Steel, galvanized and chrome-plated
Note on materials
Free of copper and PTFE
Contains paint-wetting impairment substances
RoHS-compliant
Suction cup material
VMQ (silicone)
6/19/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - ESS-50-SS

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ESS-50-SF FESTO-ESS-50-SF Datasheet
85Kb / 1P
Vacuum suction cup
6/19/22
ESS-50-SN FESTO-ESS-50-SN Datasheet
84Kb / 1P
Vacuum suction cup
6/19/22
ESS-50-SNA FESTO-ESS-50-SNA Datasheet
96Kb / 1P
Vacuum suction cup
6/19/22
ESS-50-SU FESTO-ESS-50-SU Datasheet
98Kb / 1P
Vacuum suction cup
6/19/22
More results

Similar Description - ESS-50-SS

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1376604 FESTO-1376604 Datasheet
80Kb / 1P
Vacuum suction cup
6/7/22
1377752 FESTO-1377752 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
1396067 FESTO-1396067 Datasheet
91Kb / 1P
Vacuum suction cup
6/7/22
34586 FESTO-34586 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
34587 FESTO-34587 Datasheet
85Kb / 1P
Vacuum suction cup
6/7/22
189284 FESTO-189284 Datasheet
96Kb / 1P
Vacuum suction cup
6/10/22
189291 FESTO-189291 Datasheet
85Kb / 1P
Vacuum suction cup
6/10/22
189292 FESTO-189292 Datasheet
97Kb / 1P
Vacuum suction cup
6/10/22
189325 FESTO-189325 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
189327 FESTO-189327 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com