Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFSC0D9N04C Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFSC0D9N04C
Description  MOSFET - Power, DUAL COOL N-Channel, DFN8 5x6 40 V, 0.87 m, 310 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFSC0D9N04C Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFSC0D9N04C Datasheet HTML 1Page - ON Semiconductor NVMFSC0D9N04C Datasheet HTML 2Page - ON Semiconductor NVMFSC0D9N04C Datasheet HTML 3Page - ON Semiconductor NVMFSC0D9N04C Datasheet HTML 4Page - ON Semiconductor NVMFSC0D9N04C Datasheet HTML 5Page - ON Semiconductor NVMFSC0D9N04C Datasheet HTML 6Page - ON Semiconductor NVMFSC0D9N04C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NVMFSC0D9N04C
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
40
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
ID = 250 mA, ref to 25°C
5
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 40 V
TJ = 25°C
10
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = +20 V
100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
2.5
3.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
ID = 250 mA, ref to 25°C
−8.6
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 50 A
0.69
0.87
mW
CHARGES & CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 25 V
6100
pF
Output Capacitance
COSS
3400
Reverse Transfer Capacitance
CRSS
70
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 32 V; ID = 50 A
86
nC
Gate−to−Source Charge
QGS
28
Gate−to−Drain Charge
QGD
14
Plateau Voltage
VGP
4.9
V
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 32 V,
ID = 50 A, RG = 2.5 W
54
ns
Rise Time
tr
160
Turn−Off Delay Time
td(OFF)
220
Fall Time
tf
170
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 50 A
TJ = 25°C
0.8
1.2
V
TJ = 125°C
0.65
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 50 A
91
ns
Charge Time
ta
42
Discharge Time
tb
49
Reverse Recovery Charge
QRR
159
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com