Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCD2 Datasheet(PDF) 1 Page - Schneider Electric

Part # VCD2
Description  TeSys Vario - emergency stop switch disconnector - 40 A - on door
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCD2 Datasheet(HTML) 1 Page - Schneider Electric

  VCD2 Datasheet HTML 1Page - Schneider Electric VCD2 Datasheet HTML 2Page - Schneider Electric VCD2 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys Vario - emergency stop
switch disconnector - 40 A - on door
VCD2
Product availability : Stock - Normally stocked in distribution
facility
Price* : 252.00 USD
Main
Range
TeSys
Product Name
TeSys VARIO
Device Short Name
VCD
Product Type
Emergency stop switch disconnector
Complementary
Device Composition
Handle
Switch
Mounting Support
Handle door
Switch door
Mounting Method
Hole 0.89 in (22.5 mm) handle
Performance Level
High performance
Number of Poles
3P
Contact Type and Composition
3 NO
[Ue] IEC Rated Operational
Voltage
690 V AC 50/60 Hz
IEC Rated Operational Power in
W
11 kW 690 V AC-3)
15 kW 690 V AC-23A)
11 kW 400...415 V AC-3)
15 kW 500 V AC-3)
18.5 kW 500 V AC-23A)
5.5 kW 230...240 V AC-3)
7.5 kW 230...240 V AC-23A)
15 kW 400...415 V AC-23A)
[Ie] Rated Operational Current
29 A AC-23 Ue: 400 V
[Ith] Conventional Free Air
Thermal Current
40 A
[Ithe] Conventional Enclosed
Thermal Current
32 A
Making Capacity ( I Rms)
400 A 400 V AC-21A
400 A 400 V AC-22A
400 A 400 V AC-23A
Breaking Capacity
320 A 400 V AC-21A)
320 A 400 V AC-22A)
320 A 400 V AC-23A)
Rated Conditional Short Circuit
Current
10 kA 400 V 50 A aM
10 kA 400 V 50 A gG
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 13, 2022
1


Similar Part No. - VCD2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCD2 SCHNEIDER-VCD2 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 40 A - on door
Jul 12, 2021
logo
Vectron International, ...
VCD2-103 VECTRON-VCD2-103 Datasheet
110Kb / 1P
620 North Lindenwood Drive
VCD2-103-19M440 VECTRON-VCD2-103-19M440 Datasheet
110Kb / 1P
620 North Lindenwood Drive
VCD2-105 VECTRON-VCD2-105 Datasheet
110Kb / 1P
620 North Lindenwood Drive
VCD2-203 VECTRON-VCD2-203 Datasheet
109Kb / 1P
14.4 x 9.6 x 5.5 mm 4 pad SMD
More results

Similar Description - VCD2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF2 SCHNEIDER-VCF2 Datasheet
184Kb / 3P
TeSys Vario - emergency stop switch disconnector - 40 A - on door
Jul 12, 2021
VCF02 SCHNEIDER-VCF02 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 12 A - on door
Jul 12, 2021
VCD2 SCHNEIDER-VCD2 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 40 A - on door
Jul 12, 2021
VCD01 SCHNEIDER-VCD01 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 20 A - on door
Jul 12, 2021
VCD02 SCHNEIDER-VCD02_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 12 A - on door
Jun 13, 2022
VCD1 SCHNEIDER-VCD1 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jun 13, 2022
VCF02 SCHNEIDER-VCF02_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 12 A - on door
Jun 13, 2022
VCF2 SCHNEIDER-VCF2_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 40 A - on door
Jun 13, 2022
VCF4 SCHNEIDER-VCF4_V01 Datasheet
180Kb / 3P
TeSys Vario - emergency stop switch disconnector - 80 A - on door
Jun 13, 2022
VCF6 SCHNEIDER-VCF6 Datasheet
128Kb / 3P
TeSys Vario - emergency stop switch disconnector - 175 A - on door
Jun 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com