Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5050J-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VND5050J-E
Description  Double channel high side driver with analog current sense for automotive applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050J-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VND5050J-E Datasheet HTML 17Page - STMicroelectronics VND5050J-E Datasheet HTML 18Page - STMicroelectronics VND5050J-E Datasheet HTML 19Page - STMicroelectronics VND5050J-E Datasheet HTML 20Page - STMicroelectronics VND5050J-E Datasheet HTML 21Page - STMicroelectronics VND5050J-E Datasheet HTML 22Page - STMicroelectronics VND5050J-E Datasheet HTML 23Page - STMicroelectronics VND5050J-E Datasheet HTML 24Page - STMicroelectronics VND5050J-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
VND5050J-E / VND5050K-E
Package and PCB thermal data
21/28
4.2
PowerSSO-24 thermal data
Figure 34. PowerSSO-24 PC Board
Figure 35. Rthj-amb Vs. PCB copper area in open box free air condition
Figure 36.
PowerSSO-24 Thermal Impedance Junction Ambient Single Pulse
Pulse Calculation Formula
Z
TH
δ
R
TH δ
Z
THtp 1
δ
–
()
+
⋅
=
where
δ = t
P/T
Layout condition of Rth and Zth measurements (PCB: Double layer, Thermal Vias, FR4 area= 77mm x 86mm,
PCB thickness=1.6mm, Cu thickness=70
µm (front and back side), Copper areas: from minimum pad lay-out to 8cm2).
30
35
40
45
50
55
02
46
8
10
RTHj_amb(°C/W)
PCB Cu heatsink area (cm^2)
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
10
100
1000
Time (s)
ZTH (˚C/W)
Footprint
8 cm2
2 cm
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com