Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP2425M10S250P Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLP2425M10S250P
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP2425M10S250P Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLP2425M10S250P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP2425M10S250P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP2425M10S250P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP2425M10S250P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP2425M10S250P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP2425M10S250P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP2425M10S250P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP2425M10S250P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP2425M10S250P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BLP2425M10S250P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 26 March 2020
4 of 11
BLP2425M10S250P
Power LDMOS transistor
7.3 Test circuit
Fig 1.
Definition of transistor impedance
amp01312
gate
drain
ZS
ZL
Printed-Circuit Board (PCB): Rogers TC350; thickness = 0.762 mm.
See Table 9 for a list of components.
Fig 2.
Component layout demo circuit
Table 9.
List of components
See Figure 2 for component layout.
Component Description
Value
Remarks
C1, C2
multilayer ceramic chip capacitor 22 pF
ATC 800A
C3, C6
multilayer ceramic chip capacitor 1000 pF, 50 V
C0805
C4, C8
multilayer ceramic chip capacitor 1
F, 50 V
C1206
C5, C10
multilayer ceramic chip capacitor 22 pF
ATC 800B
C7
multilayer ceramic chip capacitor 560 pF
ATC 100B
C9
electrolytic capacitor
100
F, 63 V
L1
ferrite bead inductor
47
, 100 MHz
Fair-Rite: 2743019447
L2
inductor
0.05
H
Coilcraft: SLC7530D-500MLC
R1
chip resistor
100
R0805
R2
chip resistor
10
R0805
R3
chip resistor
1.5
R1206
R4
chip resistor
10
R1206
C9
C8
R1
C5
C6
C4
R2
C2
C3
L1
C7 R3
C10
C1
L2
60 mm
90 mm
amp00958
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com