Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAZ-FK-R-STRIPPER Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # VAZ-FK-R-STRIPPER
Description  Stripping pliers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VAZ-FK-R-STRIPPER Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  VAZ-FK-R-STRIPPER Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Stripping pliers
VAZ-FK-R-STRIPPER
1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model number
VAZ-FK-R-STRIPPER
Stripping pliers for AS-Interface flat ca-
ble
Features
• Fast and precise stripping of flat cable
• Suitable for oil-resistant AS-Interface
flat cable VAZ-FK-R-.. with TPE or
PUR outer insulation
• Special hardened blade
Accessories
VAZ-FK-R-STRIPPER-BLADES
Spare blades / stripping pliers for AS-In-
terface flat cable
Technical data
Mechanical specifications
Material
Body: glass fiber reinforced PA (Polyamide)
Mass
approx. 120 g
Dimensions
Tool length: approx. 160 mm
Notes
Replacement blades are available using order code VAZ-FK-R-STRIPPER-BLADES.


Similar Part No. - VAZ-FK-R-STRIPPER

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-BK PF-VAZ-FK-R-BK Datasheet
166Kb / 1P
AS-Interface flat cable
VAZ-FK-R-YE PF-VAZ-FK-R-YE Datasheet
167Kb / 1P
AS-Interface flat cable
More results

Similar Description - VAZ-FK-R-STRIPPER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
WIREFOX-10-VDE-DB PHOENIX-WIREFOX-10-VDE-DB Datasheet
53Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested, type of packaging: with holder for sales display (backcard)
2744131 PHOENIX-2744131 Datasheet
64Kb / 3P
Polymer fiber DIY case, consisting of: Stripping knife, stripping pliers, polishing wheels for F-SMA and SCRJ quick mounting connectors, polishing pad and emery paper
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
1207637 PHOENIX-1207637 Datasheet
49Kb / 2P
Stripping pliers - QUICK WIREFOX 6 SC
logo
Molex Electronics Ltd.
63817-1800 MOLEX-63817-1800 Datasheet
1Mb / 19P
Pneumatic Stripping Machine
7-26-19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com