Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CS3D
Description  Surface-Mount Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS3D Datasheet(HTML) 2 Page - Vishay Siliconix

  CS3D Datasheet HTML 1Page - Vishay Siliconix CS3D Datasheet HTML 2Page - Vishay Siliconix CS3D Datasheet HTML 3Page - Vishay Siliconix CS3D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CS3D, CS3G, CS3J, CS3K, CS3M
www.vishay.com
Vishay General Semiconductor
End of Life "August 2021" - Alternative Device "S3D - S3M-E3"
Revision: 01-Mar-2021
2
Document Number: 87637
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
≤ 40 ms
Notes
(1) Free air, mounted on recommended copper pad area; thermal resistance RθJA - junction to ambient
(2) Mounted on 14 mm x 14 mm copper pad areas, RθJM - junction to mount at the terminal
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage
IF = 1.5 A
TA = 25 °C
VF (1)
0.90
-
V
IF = 3.0 A
0.95
1.2
IF = 1.5 A
TA = 125 °C
0.77
-
IF = 3.0 A
0.85
1.05
Maximum DC reverse current at rated DC
blocking voltage
Rated VR
TA = 25 °C
IR (2)
-10
μA
TA = 125 °C
-
500
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
2.8
-
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
26
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
CS3D
CS3G
CS3J
CS3K
CS3M
UNIT
Typical thermal resistance
RθJA
(1)
80
°C/W
RθJM
(2)
13
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
CS3J-E3/I
0.211
I
3500
13" diameter plastic tape and reel
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
Mount Temperature (
°C)
R
thJM = 13 °C/W, mounted on
14 mm x 14 mm copper pad areas
R
thJA = 80 °C/W
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com