Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB100SN4 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # BLA2ABB100SN4
Description  BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLA2ABB100SN4 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  BLA2ABB100SN4 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLA2ABB100SN4 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLA2ABB100SN4 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd BLA2ABB100SN4 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Search Data Sheet
BLA2ABB100SN4#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLA2ABB100SN4# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLA2ABB100SN4%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/21/2022
Features
1. BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body
with 0.5mm pitch.
2. Provides attenuation across a broad frequency range.
Two types of impedance characteristics are
available, one is for general signal line and the
other is for high speed signal line.
3. Original inner electrode structure enables extra
low crosstalk.
4. The nickel barrier structure of the external
electrodes provides excellent solder heat
resistance.
Applications
Notebook size PCs, PDAs and other compact size digital
equipment
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com