Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE18PS080SH1B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # BLE18PS080SH1B
Description  Bead inductor BLE series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLE18PS080SH1B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  BLE18PS080SH1B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLE18PS080SH1B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLE18PS080SH1B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
BLE18PS080SH1#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLE18PS080SH1# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLE18PS080SH1%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/21/2022
Specifications
Shape
SMD
Size Code (in inch)
0603
Length
1.6mm
Length
 Tolerance
±0.15mm
Width
0.8mm
Width Tolerance
±0.15mm
Thickness
0.6mm
Thickness
 Tolerance
±0.15mm
Operating Temperature
Range
-55
℃ to 125℃
Mass(typ.)
0.004g
Number of Circuit
1
Rated Current (at 85
℃)
8A
Rated Current (at 125
℃)
5A
DC Resistance(max.)
0.004Ω
Impedance (at 100MHz)
8.5Ω
Impedance (at 100MHz)
Tolerance
±25%
Size Code (in mm)
1608
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com