Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC706L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STC706L
Description  UP Supervisor Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC706L Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STC706L Datasheet HTML 1Page - List of Unclassifed Manufacturers STC706L Datasheet HTML 2Page - List of Unclassifed Manufacturers STC706L Datasheet HTML 3Page - List of Unclassifed Manufacturers STC706L Datasheet HTML 4Page - List of Unclassifed Manufacturers STC706L Datasheet HTML 5Page - List of Unclassifed Manufacturers STC706L Datasheet HTML 6Page - List of Unclassifed Manufacturers STC706L Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Data Sheet
STC705-706/706P-707-708-708T/S/R-813L
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
Function Reference Table
Table 2. Function Table of PT7A75xx Family
STC706L/705
4.63V
LOW
200
1.6
1.25V detector
Yes
STC813L
4.63V
HIGH
200
1.6
1.25V detector
Yes
STC708L/707
4.63V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706M/706
4.38V
LOW
200
1.6
1.25V detector
Yes
STC813M
4.38V
HIGH
200
1.6
1.25V detector
Yes
STC708M/708
4.38V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706T
3.08V
LOW
200
1.6
1.25V detector
Yes
STC813T
3.08V
HIGH
200
1.6
1.25V detector
Yes
STC708T
3.08V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706S
2.93V
LOW
200
1.6
1.25V detector
Yes
STC813S
2.93V
HIGH
200
1.6
1.25V detector
Yes
STC708S
2.93V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706R
2.63V
LOW
200
1.6
1.25V detector
Yes
STC813R/706P
2.63V
HIGH
200
1.6
1.25V detector
Yes
STC708R
2.63V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706Z
2.32V
LOW
200
1.6
1.25V detector
Yes
STC813Z
2.32V
HIGH
200
1.6
1.25V detector
Yes
STC708Z
2.32V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706Y
2.20V
LOW
200
1.6
1.25V detector
Yes
STC813Y
2.20V
HIGH
200
1.6
1.25V detector
Yes
STC708Y
2.20V
LOW, HIGH
200
unavailable
1.25V detector
Yes
Nom. Watch dog
Time (sec), t
WD
Power Fail
Comp.
Manual Reset
Input
Part No.
Reset Threshold
Reset Active Low
or High
Nom. Reset Time
(ms), t
RS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com