Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS02 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # PCS02
Description  USB Charging Cable for Smart-Ex 02 and Ex-Handy 10
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PCS02 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  PCS02 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Accessories
PC S02
USB Charging Cable for Smart-Ex 02 and Ex-Handy 10
Technical Data
Mechanical specifications
Connection
Special Pogo magnetic connector on USB-Male Connector Typ A (Standard) 2.0
Cable
straight
Sheath diameter
4 mm
Material
PVC sheathing
Color
black
Length
L
approx. 1.2 m
Suitable series
Series
Smart-Ex® 02 , Ex-Handy 10
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - PCS02

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PCS020-EE0502KS BOURNS-PCS020-EE0502KS Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
PCS020-EE0503KS BOURNS-PCS020-EE0503KS Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
PCS020-EE05081S BOURNS-PCS020-EE05081S Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
PCS020-EE05180S BOURNS-PCS020-EE05180S Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
PCS020-EE05320S BOURNS-PCS020-EE05320S Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
More results

Similar Description - PCS02

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0203247 PHOENIX-0203247 Datasheet
43Kb / 2P
Fixed bridge - FB 10-10-EX - 0203247
0711687 PHOENIX-0711687 Datasheet
43Kb / 2P
Chain bridge - KBI- 10-EX
0711690 PHOENIX-0711690 Datasheet
43Kb / 2P
Fixed bridge - FBI 10-10-EX
0711700 PHOENIX-0711700 Datasheet
42Kb / 2P
Fixed bridge - FBI 10- 8-EX
3003185 PHOENIX-3003185 Datasheet
58Kb / 2P
FB 10- 8-EX
logo
WAGO Kontakttechnik Gmb...
2002-6304 WAGO-2002-6304 Datasheet
1Mb / 25P
3-conductor through terminal block; 2.5 mm짼; for Ex e II and Ex i applications
24.11.2021
logo
Pepperl+Fuchs Inc.
LB9109.E.6.1 PF-LB9109.E.6.1 Datasheet
683Kb / 1P
Plug for Ex e Modules
2020-03-30
LB9109.E.8.1 PF-LB9109.E.8.1 Datasheet
562Kb / 1P
Plug for Ex e Modules
2020-03-30
logo
WAGO Kontakttechnik Gmb...
2010-1204 WAGO-2010-1204 Datasheet
1Mb / 20P
2-conductor through terminal block; 10 mm짼; for Ex e II and Ex i applications
23.11.2021
2010-1304 WAGO-2010-1304 Datasheet
1Mb / 19P
3-conductor through terminal block; 10 mm짼; for Ex e II and Ex i applications
23.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com