Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1SL-2AI-2C Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # S1SL-2AI-2C
Description  Passive Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

S1SL-2AI-2C Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  S1SL-2AI-2C Datasheet HTML 1Page - Pepperl+Fuchs Inc. S1SL-2AI-2C Datasheet HTML 2Page - Pepperl+Fuchs Inc. S1SL-2AI-2C Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Input voltage
≥ 2.3 V + I x load , max. 30 V
Voltage drop
≤ 2.3 V
Output
Connection side
control side
Connection
terminals 1-, 2+; 3-, 4+
Analog current output
0/4 ... 20 mA, load ≤ 600 Ω
Ripple
≤ 10 mV eff
Transfer characteristics
Accuracy
max. 0.1 % of full-scale value
Deviation
Influence of load
0.05 % of the measured value per 100 Ω
Influence of ambient temperature
< 100 ppm/K of full-scale value
Frequency range
0 ... 100 Hz
Rise time/fall time
≤ 3.5 ms
Galvanic isolation
Field circuit/control circuit
safe electrical isolation by reinforced insulation according to IEC/EN 61010-1, rated
insulation voltage 300 Veff test voltage 3 kV, 50 Hz, 1 min
Indicators/settings
Labeling
space for labeling at the front
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Degree of protection
IEC 60529:2001
Protection against electrical shock
EN 61010-1:2010
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20
Connection
screw terminals
Core cross section
0.5 ... 2.5 mm2 (20 ... 14 AWG)
Mass
approx. 70 g
Dimensions
6.2 x 97 x 107 mm (0.24 x 3.82 x 4.21 inch) (W x H x D) , housing type S1
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
Data for application in connection with hazardous areas
Certificate
DEMKO 16 ATEX 1750X
Marking
1
II 3G Ex nA IIC T4 Gc
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-15:2010
International approvals
UL approval
E106378
IECEx approval
IECEx certificate
IECEx UL 16.0116X
IECEx marking
Ex nA IIC T4 Gc
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Passive Isolator
S1SL-2AI-2C
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com