Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL-2ES-2SC Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # SL-2ES-2SC
Description  Industrial Ethernet Media Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SL-2ES-2SC Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  SL-2ES-2SC Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
SL-2ES-2SC
Industrial Ethernet Media Converter
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
Pepperl+Fuchs Group
USA: +1 330 486 0002
Singapore: +65 6779 9091
Germany: +49 621 776 2222
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
Dimensions
Technical data
Supply
Input voltage
10 ... 30 VDC (Redundant)
Power consumption
2 W typical
Indicators/operating means
Input devices
fiber optic (multimode) SC connectors
Directive conformity
Electromagnetic compatibility
FCC part 15, ICES-003; EN61000-6-4, CE
EN61000-6-2, CE
Ambient conditions
Operating temperature
-10 ... 60 °C (14 ... 140 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
5 ... 95 %, noncondensing
Vibration resistance
IEC60068-2-6
Mechanical specifications
Degree of protection
IP30
Connection
SC type
Material
Case: UL94V0 Lexan
Mass
0.11 kg
Dimensions
see mechanical drawing
Mounting
DIN rail or direct panel mounting
Data for application in connection
with Ex-areas
EC-Type Examination Certificate
EN60079-15 (Zone 2, Category 3), CE
International approvals
UL approval
UL 508/CSA C22.2/14, EN61010-1, CE
UL 1604/CSA C22.2/213 (Class I, Div. 2)
Industrial Ethernet Media Converter
Features
• Slim packaging fits on your DIN rail
• High performance and value
• Truly industrial hardened design
• Dual power inputs keeps you running
• UL/CSA, CE, Hazardous Locations
(Zone 2) and Maritime rated
• Ultra-reliable 1,000,000+ hours
MTBF
• Fiber multimode (mm) typical: 50 or
62.5/125 µm
• Fiber max. distance: (full duplex) 4 km
(multimode)
Function
The SL-2ES is an industrial Ethernet
copper to fiber media converter that
provides fast performance allowing for
real-time operation. These ruggedized
converters are industrial hardened to
provide superior reliability. They require
no user setup and immediately start
operating as soon as you power them
up.


Similar Part No. - SL-2ES-2SC

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SL-2ES-2SC REDLION-SL-2ES-2SC Datasheet
386Kb / 2P
Industrial Ethernet Media Converter
More results

Similar Description - SL-2ES-2SC

ManufacturerPart #DatasheetDescription
logo
Level One
IEC-4000 LVL1-IEC-4000 Datasheet
506Kb / 3P
Industrial Fast Ethernet mini Media Converter
IEC-4002 LVL1-IEC-4002 Datasheet
515Kb / 3P
Industrial Fast Ethernet Mini Media Converter
IEC-4301 LVL1-IEC-4301 Datasheet
515Kb / 3P
Industrial Fast Ethernet Mini Media Converter
logo
Red Lion Controls. Inc
SL-2ES REDLION-SL-2ES Datasheet
386Kb / 2P
Industrial Ethernet Media Converter
logo
ORing Industrial Networ...
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
Industrial Gigabit Ethernet to fiber media converter
ITGMC-111GP ORING-ITGMC-111GP Datasheet
955Kb / 3P
Industrial Gigabit Ethernet to fiber media converter
logo
List of Unclassifed Man...
HEMC2G ETC2-HEMC2G Datasheet
517Kb / 3P
Industrial Gigabit Ethernet to Fiber Media Converter
logo
Weidmuller
1286880000 WEIDMULLER-1286880000 Datasheet
244Kb / 4P
Industrial Fast Ethernet media converter
1286890000 WEIDMULLER-1286890000 Datasheet
243Kb / 4P
Industrial Fast Ethernet media converter
1286900000 WEIDMULLER-1286900000 Datasheet
243Kb / 4P
Industrial Fast Ethernet media converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com