Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSFK Datasheet(PDF) 21 Page - NXP Semiconductors

Part # NSFK
Description  NXP Sensor Fusion Library for Kinetis MCUs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NSFK Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button NSFK Datasheet HTML 17Page - NXP Semiconductors NSFK Datasheet HTML 18Page - NXP Semiconductors NSFK Datasheet HTML 19Page - NXP Semiconductors NSFK Datasheet HTML 20Page - NXP Semiconductors NSFK Datasheet HTML 21Page - NXP Semiconductors NSFK Datasheet HTML 22Page - NXP Semiconductors NSFK Datasheet HTML 23Page - NXP Semiconductors NSFK Datasheet HTML 24Page - NXP Semiconductors NSFK Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Mechanical and electrical specifications
NXP Sensor Fusion Library for Kinetis MCUs, Rev. 0.8
21
NXP B.V.
The currents in Table 9 were measured using a FreeRTOS-based project with sampling rates similar to
the above, but with the addition of separate 40 Hz fusion and 200 Hz sensor sampling task to the
RTOS-based project. The project is designed to shut down the gyro when no motion is detected by the
accelerometer. Measured current includes IDD for FXOS8700CQ, FXAS21002 and dual 4.7K I2C
pullup resistors on the board.
Table 9. Typical Current Draw on AGM01 Sensor Board
Function
Measured IDD P3V3 (mA)
Run Mode
3.4
Gyro Standby Mode
0.7
4.6 Computation metrics
The Sensor Fusion Library computations are measured directly using the Sensor Fusion Toolbox and
the ARM® sysTick clock, using the configuration outlined in the previous section.
4.6.1 Statistics from version 7.00 of the Sensor Fusion Library
NXP used the built-in sysTick counter to measure each iteration of the fusion algorithms in units of CPU
clock cycles.
The customer can repeat the exact same measurement, because both PC and Android Sensor Fusion
Toolboxes display this information in a real-time basis. The test results may vary, depending on device
movement, as presented numbers are typical.
Table 10. K SysTick values for Freedom development platforms and sensor combinations1
Freedom Platform
Accel
2D Mag
Gyro
eCompass
Accel
+Gyro
9-axis
FRDM-K22F
3
2.7
2.1
3.6
16
46.7
FRDM-K64F
4
2.6
1.9
3.5
12.7
42.8
1.
Based on “All Motions” build, which includes tilt, 2D automotive compass, rotation, eCompass, 6- and 9-axis
Kalman filters. Does not include pressure/altimeter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com