Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC810R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STC810R
Description  UP Supervisor Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC810R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STC810R Datasheet HTML 1Page - List of Unclassifed Manufacturers STC810R Datasheet HTML 2Page - List of Unclassifed Manufacturers STC810R Datasheet HTML 3Page - List of Unclassifed Manufacturers STC810R Datasheet HTML 4Page - List of Unclassifed Manufacturers STC810R Datasheet HTML 5Page - List of Unclassifed Manufacturers STC810R Datasheet HTML 6Page - List of Unclassifed Manufacturers STC810R Datasheet HTML 7Page - List of Unclassifed Manufacturers STC810R Datasheet HTML 8Page - List of Unclassifed Manufacturers STC810R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Data Sheet
STC803/809/810-811/812/-823/824/825-6342/6343/6344/6345
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
Pin Information
Pin Configuration
Figure 2. Pin Configuration
5
4
1
3
VC C
RESET
GND
MR
SOT23-5
1
2
3
3
1
2
2
1
4
5
6
5
4
1
2
3
1
2
VC C
GND
RESET
3
VC C
GND
RESET
VC C
RESET
GND
MR
WDI
VC C
GND
WDI
VC C
RESET
GND
RESET
3
4
5
4
5
1
2
3
VC C
GND
PFI
P F O
4
5
6
1
2
3
VC C
GND
PFI
P F O
MR
SOT23-3
5
4
1
3
VC C
GND
MR
RESET
RESET
STC803
STC809
STC810
STC811
STC812
STC823
STC824
RESET
MR
STC825
SOT23-6
STC6342
MR
RESET
STC6343
4
5
6
1
2
3
VC C
GND
PFI
P F O
STC6344
RESET
STC6345
RESET
RESET
2N C
2N C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com