Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC810Z Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STC810Z
Description  UP Supervisor Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC810Z Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STC810Z Datasheet HTML 4Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 5Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 6Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 7Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 8Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 9Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 10Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 11Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Data Sheet
STC803/809/810-811/812/-823/824/825-6342/6343/6344/6345
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
Recommended Operation Condition
Table 3. DC Electrical Characteristics
m
y
Sm
y
S m
y
S m
y
Sm
y
Sn
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mn
i
M n
i
M n
i
Mn
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
Tx
a
Mx
a
M x
a
M x
a
Mx
a
Mt
i
n
Ut
i
n
U t
i
n
U t
i
n
Ut
i
n
U
V
C
C
M
x
x
x
,
L
xxx
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
40
.
55
.
5V
S
x
x
x
,
T
x
x
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S0
.
33
.
35
.
5V
R
x
x
x
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S7
.
20
.
35
.
5V
Y
x
x
x
,
Z
xxx
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S4
.
25
.
25
.
5V
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV
7
.
0
C
C
V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
3
.
0
C
C
V
T
A
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O0
4
-5
8
OC
Storage Temperature ....................................................... -65oC to +150oC
Ambient Temperature with Power Applied ....................... -40oC to +85oC
Supply Voltage to Ground Potential (Vcc to GND) ........... -0.3V to +7.0V
DC Input Voltage (All inputs except Vcc and GND) ..... -0.3V to V
CC+0.3V
DC Output Current (All outputs) .................................................... 20mA
Power Dissipation ........................................................................ 320mW
(Depend on package)
Detailed Specifications
Absolute Maximum Ratings
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for ex-
tended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com