Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF02 Datasheet(PDF) 3 Page - Schneider Electric

Part # VCF02
Description  TeSys Vario - emergency stop switch disconnector - 12 A - on door
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCF02 Datasheet(HTML) 3 Page - Schneider Electric

  VCF02 Datasheet HTML 1Page - Schneider Electric VCF02 Datasheet HTML 2Page - Schneider Electric VCF02 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Nbr. of units in pkg.
1
Package weight(Lbs)
7.51 oz (213.0 g)
Returnability
Yes
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.35 in (8.5 cm)
Package 1 width
3.54 in (9 cm)
Package 1 Length
4.92 in (12.5 cm)
Unit Type of Package 2
P06
Number of Units in Package 2
192
Package 2 Weight
121.47 lb(US) (55.1 kg)
Package 2 Height
29.53 in (75 cm)
Package 2 width
31.50 in (80 cm)
Package 2 Length
23.62 in (60 cm)
Unit Type of Package 3
S03
Number of Units in Package 3
24
Package 3 Weight
12.38 lb(US) (5.616 kg)
Package 3 Height
11.81 in (30 cm)
Package 3 width
11.81 in (30 cm)
Package 3 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Antimony oxide & Antimony
trioxide, which is known to the State of California to cause cancer. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Halogen content performance
Halogen free product
Contractual warranty
Warranty
18 months
Jun 13, 2022
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com