Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF1 Datasheet(PDF) 1 Page - Schneider Electric

Part # VCF1
Description  TeSys Vario - emergency stop switch disconnector - 32 A - on door
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCF1 Datasheet(HTML) 1 Page - Schneider Electric

  VCF1 Datasheet HTML 1Page - Schneider Electric VCF1 Datasheet HTML 2Page - Schneider Electric VCF1 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys Vario - emergency stop
switch disconnector - 32 A - on door
VCF1
Product availability : Stock - Normally stocked in distribution
facility
Price* : 185.00 USD
Main
Range
TeSys
Product Name
TeSys VARIO
Device Short Name
VCF
Product Type
Emergency stop switch disconnector
Complementary
Device Composition
Switch
Handle
Mounting Support
Handle door
Switch door
Mounting Method
By 4 screws handle
Performance Level
High performance
Number of Poles
3P
Contact Type and Composition
3 NO
[Ue] IEC Rated Operational
Voltage
690 V AC 50/60 Hz
IEC Rated Operational Power in
W
11 kW 500 V AC-23A)
15 kW 690 V AC-23A)
7.5 kW 500 V AC-3)
7.5 kW 690 V AC-3)
1.5 kW 230...240 V AC-3)
5.5 kW 230...240 V AC-23A)
11 kW 400...415 V AC-23A)
7.5 kW 400...415 V AC-3)
[Ie] Rated Operational Current
21.8 A AC-23 Ue: 400 V
[Ith] Conventional Free Air
Thermal Current
32 A
[Ithe] Conventional Enclosed
Thermal Current
25 A
Making Capacity ( I Rms)
320 A 400 V AC-21A
320 A 400 V AC-22A
320 A 400 V AC-23A
Breaking Capacity
250 A 400 V AC-21A)
250 A 400 V AC-22A)
250 A 400 V AC-23A)
Rated Conditional Short Circuit
Current
10 kA 400 V 35 A aM
10 kA 400 V 35 A gG
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 13, 2022
1


Similar Part No. - VCF1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF1 SCHNEIDER-VCF1 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jul 12, 2021
logo
JDS Uniphase Corporatio...
VCF1003CAFAC1 JDSU-VCF1003CAFAC1 Datasheet
200Kb / 4P
Voltage-Controlled Optical Filters
VCF1003CAFAE1 JDSU-VCF1003CAFAE1 Datasheet
200Kb / 4P
Voltage-Controlled Optical Filters
VCF1003CAFPC1 JDSU-VCF1003CAFPC1 Datasheet
200Kb / 4P
Voltage-Controlled Optical Filters
VCF1003CAFPE1 JDSU-VCF1003CAFPE1 Datasheet
200Kb / 4P
Voltage-Controlled Optical Filters
More results

Similar Description - VCF1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF2 SCHNEIDER-VCF2 Datasheet
184Kb / 3P
TeSys Vario - emergency stop switch disconnector - 40 A - on door
Jul 12, 2021
VCF02 SCHNEIDER-VCF02 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 12 A - on door
Jul 12, 2021
VCF1 SCHNEIDER-VCF1 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jul 12, 2021
VCD01 SCHNEIDER-VCD01 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 20 A - on door
Jul 12, 2021
VCD02 SCHNEIDER-VCD02_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 12 A - on door
Jun 13, 2022
VCD1 SCHNEIDER-VCD1 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jun 13, 2022
VCF02 SCHNEIDER-VCF02_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 12 A - on door
Jun 13, 2022
VCF2 SCHNEIDER-VCF2_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 40 A - on door
Jun 13, 2022
VCF4 SCHNEIDER-VCF4_V01 Datasheet
180Kb / 3P
TeSys Vario - emergency stop switch disconnector - 80 A - on door
Jun 13, 2022
VCF6 SCHNEIDER-VCF6 Datasheet
128Kb / 3P
TeSys Vario - emergency stop switch disconnector - 175 A - on door
Jun 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com