Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF4GE Datasheet(PDF) 2 Page - Schneider Electric

Part # VCF4GE
Description  TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCF4GE Datasheet(HTML) 2 Page - Schneider Electric

  VCF4GE Datasheet HTML 1Page - Schneider Electric VCF4GE Datasheet HTML 2Page - Schneider Electric VCF4GE Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
640 A 400 V AC-23A)
Mechanical durability
30000 cycles
Electrical durability
30000 cycles AC-21
30000 cycles DC-1...5
Environmental characteristic
Standard environment
Suitability for isolation
Yes
Connections - terminals
screw clamp terminals 0.02 in² (16 mm²) flexible - with cable end
screw clamp terminals 0.04 in² (25 mm²) solid
Tightening torque
35.40 lbf.in (4 N.m) screw clamp terminals
Fire resistance
1760 °F (960 °C) IEC 60595-2-1
Handle front plate dimension
60 x 60 mm
Height
7.09 in (180 mm)
Width
6.18 in (157 mm)
Depth
5.98 in (152 mm)
Net Weight
2.05 lb(US) (0.93 kg)
Environment
Standards
IEC 60947-4-1
IEC 60204
Protective treatment
TC
IP degree of protection
IP65 conforming to IEC 60529
Mechanical robustness
Vibrations 10...150 Hz 1 gn) IEC 60068-2-6
Shocks 11 ms 30 Gn) IEC 60068-2-27
Ambient Air Temperature for
Operation
-4…122 °F (-20…50 °C)
Ordering and shipping details
Category
21730-V VARIO SWITCH
Discount Schedule
CP1
GTIN
3389110543902
Nbr. of units in pkg.
1
Package weight(Lbs)
32.56 oz (923.0 g)
Returnability
No
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
6.61 in (16.8 cm)
Package 1 width
7.32 in (18.6 cm)
Package 1 Length
7.72 in (19.6 cm)
Unit Type of Package 2
P06
Number of Units in Package 2
32
Package 2 Weight
95.26 lb(US) (43.21 kg)
Package 2 Height
31.50 in (80 cm)
Package 2 width
31.50 in (80 cm)
Package 2 Length
23.62 in (60 cm)
2
Jun 13, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com