Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCFN20GE Datasheet(PDF) 1 Page - Schneider Electric

Part # VCFN20GE
Description  TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCFN20GE Datasheet(HTML) 1 Page - Schneider Electric

  VCFN20GE Datasheet HTML 1Page - Schneider Electric VCFN20GE Datasheet HTML 2Page - Schneider Electric VCFN20GE Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys Vario enclosed, emergency
stop switch disconnector, 16A, IP55
VCFN20GE
Product availability : Stock - Normally stocked in distribution
facility
Price* : 189.00 USD
Main
Range
TeSys
Product name
TeSys Mini-VARIO
Device short name
VCFN
Product or Component Type
Emergency stop switch disconnector
Performance level
Standard
Poles description
3P
Control Type
Rotary handle
Handle colour
Red
Handle front plate colour
Yellow
Rotary handle padlocking
1 to 3 padlocks 0.16…0.31 in (4…8 mm)
Complementary
Marking
0 - 1
[Ue] rated operational voltage
690 V AC
[Uimp] rated impulse withstand
voltage
8 kV
[Ithe] conventional enclosed
thermal current
16 A
[Ie] rated operational current
11 A AC-23A)400 V
Rated operational power in W
5.5 kW 400 V AC-23)
4 kW 400 V AC-3)
Intermittent duty class
30
Making capacity ( I Rms)
200 A 400 V AC-21A
200 A 400 V AC-22A
200 A 400 V AC-23A
[Icm] rated short-circuit making
capacity
0.5 kA 400 V at Ipeak
[Icw] rated short-time withstand
Rms current
140 A 400 V 1 s
Rated conditional short-circuit
current
6 kA 400 V 20 A aM
6 kA 400 V 20 A gG
Breaking capacity
200 A 400 V AC-21A)
200 A 400 V AC-22A)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 13, 2022
1


Similar Part No. - VCFN20GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCFN20GE SCHNEIDER-VCFN20GE Datasheet
127Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jul 12, 2021
More results

Similar Description - VCFN20GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCFN40GE SCHNEIDER-VCFN40GE Datasheet
118Kb / 2P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jul 12, 2021
VCFN20GE SCHNEIDER-VCFN20GE Datasheet
127Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jul 12, 2021
VCFN12GE SCHNEIDER-VCFN12GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jul 12, 2021
VCF1GE SCHNEIDER-VCF1GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
VCF0GE SCHNEIDER-VCF0GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 20A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE_V01 Datasheet
176Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jun 13, 2022
VCF4GE SCHNEIDER-VCF4GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jun 13, 2022
VCFN12GE SCHNEIDER-VCFN12GE_V01 Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jun 13, 2022
VCFN40GE SCHNEIDER-VCFN40GE_V01 Datasheet
132Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jun 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com