Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT04SC Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT04SC
Description  Hex Inverter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT04SC Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT04SC Datasheet HTML 1Page - ON Semiconductor 74ACT04SC Datasheet HTML 2Page - ON Semiconductor 74ACT04SC Datasheet HTML 3Page - ON Semiconductor 74ACT04SC Datasheet HTML 4Page - ON Semiconductor 74ACT04SC Datasheet HTML 5Page - ON Semiconductor 74ACT04SC Datasheet HTML 6Page - ON Semiconductor 74ACT04SC Datasheet HTML 7Page - ON Semiconductor 74ACT04SC Datasheet HTML 8Page - ON Semiconductor 74ACT04SC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2005
December, 2021 − Rev. 2
1
Publication Order Number:
74ACT04/D
Hex Inverter
74AC04, 74ACT04
General Description
The AC/ACT04 contains six inverters.
Features
• ICC Reduced by 50% On 74AC Only
• Outputs Source/Sink 24 mA
• ACT04 has TTL−Compatible Inputs
• These are Pb−Free Devices
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
−0.5 to +7.0
V
DC Input Diode Current
VI = −0.5 V
VI = VCC + 0.5 V
IIK
−20
+20
mA
DC Input Voltage
VI
−0.5 to
VCC + 0.5
V
DC Output Diode Current
VO = −0.5 V
VO = VCC + 0.5 V
IOK
−20
+20
mA
DC Output Voltage
VO
−0.5 to
VCC + 0.5
V
DC Output Source or Sink Current
IO
±50
mA
DC VCC or Ground Current
per Output Pin
ICC or IGND
±50
mA
Storage Temperature
TSTG
−65 to +150
°C
Junction Temperature
PDIP
TJ
140
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
SOIC−14 NB
CASE 751A−03
MARKING DIAGRAM
AC(T)04
AWLYWW
1
14
SOIC14
CASE 751EF
1
14
TSSOP−14 WB
CASE 948G
TSSOP−14 WB
CASE 948G−01
1
14
1
14
1
14
AC04, ACT04
= Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
AC(T)
04
ALYWG
G
1
14
(Note: Microdot may be in either location)
AC04, ACT04
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
See detailed ordering and shipping information on page 2
of this data sheet.
ORDERING INFORMATION


Similar Part No. - 74ACT04SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT04SC FAIRCHILD-74ACT04SC Datasheet
104Kb / 8P
Hex Inverter
74ACT04SC FAIRCHILD-74ACT04SC Datasheet
305Kb / 10P
Hex Inverter
74ACT04SC FAIRCHILD-74ACT04SC Datasheet
306Kb / 10P
Hex Inverter
74ACT04SC FAIRCHILD-74ACT04SC Datasheet
306Kb / 10P
Hex Inverter
74ACT04SC FAIRCHILD-74ACT04SC Datasheet
306Kb / 10P
Hex Inverter
More results

Similar Description - 74ACT04SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com