Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT14 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT14
Description  Hex Inverter with Schmitt Trigger Input
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT14 Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT14 Datasheet HTML 1Page - ON Semiconductor 74ACT14 Datasheet HTML 2Page - ON Semiconductor 74ACT14 Datasheet HTML 3Page - ON Semiconductor 74ACT14 Datasheet HTML 4Page - ON Semiconductor 74ACT14 Datasheet HTML 5Page - ON Semiconductor 74ACT14 Datasheet HTML 6Page - ON Semiconductor 74ACT14 Datasheet HTML 7Page - ON Semiconductor 74ACT14 Datasheet HTML 8Page - ON Semiconductor 74ACT14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74AC14, 74ACT14
www.onsemi.com
2
ORDERING INFORMATION
Order Number
Package Number
Package Description
74AC14SC
M14A
14−Lead Small Outline Integrated Circuit (SOIC), JEDEC MS−012, 0.150” Narrow
74AC14MTC
MTC14
14−Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO−153, 4.4 mm Wide
74ACT14SC
M14A
14−Lead Small Outline Integrated Circuit (SOIC), JEDEC MS−012, 0.150” Narrow
74ACT14MTC
MTC14
14−Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO−153, 4.4 mm Wide
NOTE: Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Figure 1. Connection Diagram
Figure 2. Logic Symbol
IEEE/IEC
PIN DESCRIPTION
Pin
Description
An
Inputs
On
Outputs
FUNCTION TABLE
Input
Output
A
O
L
H
H
L
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
AC
ACT
2.0
4.5
6.0
5.5
V
VI
Input Voltage
0
VCC
V
VO
Output Voltage
0
VCC
V
TA
Operating Temperature
−40
+85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com