Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS1D6N06CL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMJS1D6N06CL
Description  MOSFET ??Power, Single N-Channel 60 V, 1.36 m, 250 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS1D6N06CL Datasheet(HTML) 2 Page - ON Semiconductor

  NVMJS1D6N06CL Datasheet HTML 1Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 2Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 3Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 4Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 5Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 6Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NVMJS1D6N06CL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
11
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 60 V
TJ = 25°C
10
mA
TJ = 125°C
250
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±16 V
±100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.2
2.0
V
Threshold Temperature Coefficient
VGS(TH)/TJ
−5.2
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 50 A
1.13
1.36
mW
VGS = 4.5 V
ID = 50 A
1.65
2.30
Forward Transconductance
gFS
VDS =15 V, ID = 50 A
151
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 25 V
6660
pF
Output Capacitance
COSS
2953
Reverse Transfer Capacitance
CRSS
45
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 30 V; ID = 50 A
41
nC
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 30 V; ID = 50 A
91
Threshold Gate Charge
QG(TH)
VGS = 4.5 V, VDS = 30 V; ID = 50 A
5
Gate−to−Source Charge
QGS
17.1
Gate−to−Drain Charge
QGD
10.9
Plateau Voltage
VGP
2.9
V
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 30 V,
ID = 50 A, RG = 1 W
19
ns
Rise Time
tr
51
Turn−Off Delay Time
td(OFF)
47
Fall Time
tf
18
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 50 A
TJ = 25°C
0.78
1.2
V
TJ = 125°C
0.66
Reverse Recovery Time
tRR
VGS = 0 V, dIs/dt = 100 A/ms,
IS = 50 A
78
ns
Charge Time
ta
36
Discharge Time
tb
42
Reverse Recovery Charge
QRR
105
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
5. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com