Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

526003 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 526003
Description  Vacuum cup without connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

526003 Datasheet(HTML) 1 Page - Festo Corporation.

  526003 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum cup without connector
ESV-60-GT
Part number: 526003
Data sheet
Feature
Value
Suction cup holder height compensator
6 mm
Min. workpiece radius
75 mm
Suction cup diameter
60 mm
Suction cup volume
11.3 cm³
Mounting position
Any
Structural design
Round, bell-shaped
Symbol
00991485
Suction cup shape
Round, deep
Operating pressure
-0.95 bar ... 0 bar
Nominal operating pressure
-0.7 bar
Operating medium
Atmospheric air based on ISO 8573-1:2010 [7:-:-]
Ambient temperature
-10 °C ... 80 °C
Breakaway force at 70% vacuum
134 N
Holding force at nominal operating pressure
134 N
Lateral force at nominal operating pressure
37 N
Product weight
10.7 g
Type of mounting
Via vacuum connection
Color
Reddish brown
Shore hardness
72 +/- 5
Note on materials
Free of copper and PTFE
RoHS-compliant
Suction cup material
Vulkollan®
6/19/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 526003

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
526000 FESTO-526000 Datasheet
76Kb / 1P
Vacuum cup without connector
6/19/22
526002 FESTO-526002 Datasheet
87Kb / 1P
Vacuum cup without connector
6/19/22
526004 FESTO-526004 Datasheet
75Kb / 1P
Vacuum cup without connector
6/19/22
526005 FESTO-526005 Datasheet
73Kb / 1P
Vacuum cup without connector
6/19/22
526006 FESTO-526006 Datasheet
97Kb / 1P
Vacuum cup without connector
6/19/22
More results

Similar Description - 526003

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
190986 FESTO-190986 Datasheet
73Kb / 1P
Vacuum cup without connector
6/19/22
190998 FESTO-190998 Datasheet
77Kb / 1P
Vacuum cup without connector
6/19/22
191012 FESTO-191012 Datasheet
85Kb / 1P
Vacuum cup without connector
6/19/22
191016 FESTO-191016 Datasheet
85Kb / 1P
Vacuum cup without connector
6/19/22
191017 FESTO-191017 Datasheet
84Kb / 1P
Vacuum cup without connector
6/19/22
191027 FESTO-191027 Datasheet
98Kb / 1P
Vacuum cup without connector
6/19/22
191036 FESTO-191036 Datasheet
80Kb / 1P
Vacuum cup without connector
6/19/22
191044 FESTO-191044 Datasheet
86Kb / 1P
Vacuum cup without connector
6/19/22
191045 FESTO-191045 Datasheet
74Kb / 1P
Vacuum cup without connector
6/19/22
191049 FESTO-191049 Datasheet
73Kb / 1P
Vacuum cup without connector
6/19/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com