Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008L Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPD1008L
Description  125W, 50V, DC ??3.2 GHz, GaN RF Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008L Datasheet(HTML) 4 Page - Qorvo, Inc

  QPD1008L Datasheet HTML 1Page - Qorvo, Inc QPD1008L Datasheet HTML 2Page - Qorvo, Inc QPD1008L Datasheet HTML 3Page - Qorvo, Inc QPD1008L Datasheet HTML 4Page - Qorvo, Inc QPD1008L Datasheet HTML 5Page - Qorvo, Inc QPD1008L Datasheet HTML 6Page - Qorvo, Inc QPD1008L Datasheet HTML 7Page - Qorvo, Inc QPD1008L Datasheet HTML 8Page - Qorvo, Inc QPD1008L Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
QPD1008L
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. I, October 2021 | Subject to change without notice
4 of 20
www.qorvo.com
Thermal and Reliability Information - CW (1)
Parameter
Test Conditions
Value
Units
Thermal Resistance, Peak IR Surface
Temperature at Average Power (θJC)
PDISS = 21 W, Tbaseplate = 85°C
1.24
ºC/W
Channel Temperature, TCH
111
°C
Thermal Resistance, Peak IR Surface
Temperature at Average Power (θJC)
PDISS = 42 W, Tbaseplate = 85°C
1.33
°C/W
Channel Temperature, TCH
141
°C
Thermal Resistance, Peak IR Surface
Temperature at Average Power (θJC)
PDISS = 63 W, Tbaseplate = 85°C
1.41
ºC/W
Channel Temperature, TCH
174
°C
Thermal Resistance, Peak IR Surface
Temperature at Average Power (θJC)
PDISS = 84 W, Tbaseplate = 85°C
1.51
ºC/W
Channel Temperature, TCH
212
°C
Thermal Resistance, Peak IR Surface
Temperature at Average Power (θJC)
PDISS = 105 W, Tbaseplate = 85°C
1.6
ºC/W
Channel Temperature, TCH
253
°C
Notes:
1.
Thermal resistance measured to bottom of package.
2.
Refer to the following document: GaN Device Channel Temperature, Thermal Resistance, and Reliability Estimates
Thermal and Reliability Information - Pulsed (1)
Parameter
Test Conditions
Value
Units
Thermal Resistance, Peak IR Surface
Temperature at Average Power (θJC)
PDISS = 42 W, Tbaseplate = 85°C
Pulse Width = 128 uS
Duty Cycle = 10%
0.74
ºC/W
Channel Temperature, TCH
116
°C
Thermal Resistance, Peak IR Surface
Temperature at Average Power (θJC)
PDISS = 63 W, Tbaseplate = 85°C
Pulse Width = 128 uS
Duty Cycle = 10%
0.76
°C/W
Channel Temperature, TCH
133
°C
Thermal Resistance, Peak IR Surface
Temperature at Average Power (θJC)
PDISS = 84 W, Tbaseplate = 85°C
Pulse Width = 128 uS
Duty Cycle = 10%
0.77
°C/W
Channel Temperature, TCH
150
°C
Thermal Resistance, Peak IR Surface
Temperature at Average Power (θJC)
PDISS = 105 W, Tbaseplate = 85°C
Pulse Width = 128 uS
Duty Cycle = 10%
0.80
ºC/W
Channel Temperature, TCH
169
°C
Thermal Resistance, Peak IR Surface
Temperature at Average Power (θJC)
PDISS = 126 W, Tbaseplate = 85°C
Pulse Width = 128 uS
Duty Cycle = 10%
0.82
ºC/W
Channel Temperature, TCH
188
°C
Notes:
1.
Thermal resistance measured to bottom of package.
2.
Refer to the following document: GaN Device Channel Temperature, Thermal Resistance, and Reliability Estimates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com